Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY27SF081G2M-VIP Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # HY27SF081G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF081G2M-VIP Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button HY27SF081G2M-VIP Datasheet HTML 40Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 41Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 42Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 43Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 44Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 45Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 46Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 47Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 48Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
Rev 0.7 / Apr. 2005
47
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Application Note
1. Power-on/off Sequence
After power is on, the device starts an internal circuit initialization when the power supply voltage reaches a specific
level. The device shows its internal initialization status with the Ready/Busy signal if initialization is on progress. While
the device is initializing, the device sets internal registeries to default value and generates internal biases to operate
circuits. Typically the initializing time of 20us is required.
Power-off or power failure before write/erase operation is complete will cause a loss of data. The WP# signal helps
user to protect not only the data integrity but also device circuitry from being damaged at power-on/off by keeping
WP# at VIL during power-on/off.
For the device to operate stably, it is highly recommended to operate the device as shown Fig.33.
Figure 34: Power-on/off sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com