Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVAB2805DFES Datasheet(PDF) 1 Page - VPT, Inc.

Part # DVAB2805DFES
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVAB2805DFES Datasheet(HTML) 1 Page - VPT, Inc.

  DVAB2805DFES Datasheet HTML 1Page - VPT, Inc. DVAB2805DFES Datasheet HTML 2Page - VPT, Inc. DVAB2805DFES Datasheet HTML 3Page - VPT, Inc. DVAB2805DFES Datasheet HTML 4Page - VPT, Inc. DVAB2805DFES Datasheet HTML 5Page - VPT, Inc. DVAB2805DFES Datasheet HTML 6Page - VPT, Inc. DVAB2805DFES Datasheet HTML 7Page - VPT, Inc. DVAB2805DFES Datasheet HTML 8Page - VPT, Inc. DVAB2805DFES Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DVAB2800D Series
DVAB2800D-3.0
http://www.vptpower.com
Sales Information:
Phone: (425) 353-3010
Fax: (425) 353-4030
E-mail: vptsales@vptpower.com
1
HIGH RELIABILITY HYBRID
DC-DC CONVERTERS
DESCRIPTION
The DVAB series of high reliability DC-DC converters
is operable over the full military (-55 °C to +125 °C)
temperature range with no power derating. Unique
to the DVAB series are independent dual control
loops which provide tight regulation and zero cross
regulation error while maintaining high
efficiency. Operating at a nominal fixed frequency of
325 kHz, per stage, these regulated, isolated units
utilize a high speed magnetic feedback design and
well controlled undervoltage lockout circuitry to
eliminate slow start-up problems.
These converters are designed and manufactured in
a facility qualified to ISO9001 and certified to MIL-
PRF-38534 and MIL-STD-883.
This product may incorporate one or more of the
following U.S. patents:
5,784,266
5,790,389
5,963,438
5,999,433
6,005,780
6,084,792
6,118,673
FEATURES
•
High Reliability
•
Very Low Output Noise
•
Wide Input Voltage Range: 15 to 50 Volts per
MIL-STD-704
•
Dual Outputs with Zero Cross Regulation Error
•
Up to 15 Watts Output Power
•
High Input Transient Voltage: 80 Volts for 1 sec
per MIL-STD-704A
•
Fault Tolerant Magnetic Feedback Circuit
•
NO Use of Optoisolators
•
Undervoltage Lockout
•
Short Circuit Protection
•
Current Limit Protection
•
Precision Projection Welded Hermetic Package
•
High Power Density
•
Custom Versions Available
•
Additional Environmental Screening Available
•
Meets MIL-STD-461 Revisions C, D, E and F
EMC Requirements When Used With VPT’s
EMI Filters
•
Flanged and Non-flanged Versions Available.
•
MIL-PRF-38534 Element Evaluated
Components
Figure 1 – DVAB2800D / DVAB2800DF DC-DC Converter
(
Exact marking may differ from that shown)


Similar Part No. - DVAB2805DFES

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DVA1002 MICROCHIP-DVA1002 Datasheet
549Kb / 18P
Processor Module and Device Adapter Specification
2006
DVA1003 MICROCHIP-DVA1003 Datasheet
549Kb / 18P
Processor Module and Device Adapter Specification
2006
DVA1004 MICROCHIP-DVA1004 Datasheet
549Kb / 18P
Processor Module and Device Adapter Specification
2006
DVA1005 MICROCHIP-DVA1005 Datasheet
549Kb / 18P
Processor Module and Device Adapter Specification
2006
DVA12XP080 MICROCHIP-DVA12XP080 Datasheet
549Kb / 18P
Processor Module and Device Adapter Specification
2006
More results

Similar Description - DVAB2805DFES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
HIGH RELIABILITY HYBRID DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800D VPT-DVFL2800D Datasheet
590Kb / 28P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0510S VPT-DVPL0510S Datasheet
489Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVPL0520S VPT-DVPL0520S Datasheet
772Kb / 13P
HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com