Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY27LF161G2M-VIP Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY27LF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27LF161G2M-VIP Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY27LF161G2M-VIP Datasheet HTML 1Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 2Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 3Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 4Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 5Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 6Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 7Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 8Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Rev 0.7 / Apr. 2005
4
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
1. SUMMARY DESCRIPTION
The HYNIX HY27(U/S)F(08/16)1G2M series is a 128Mx8bit with spare 4Mx8 bit capacity. The device is offered in 1.8V
Vcc Power Supply and in 3.3V Vcc Power Supply.
Its NAND cell provides the most cost-effective solution for the solid state mass storage market.
The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old
data is erased.
The device contains 1024 blocks, composed by 64 pages consisting in two NAND structures of 32 series connected
Flash cells.
A program operation allows to write the 2112-byte page in typical 300us and an erase operation can be performed in
typical 2ms on a 128K-byte(X8 device) block.
Data in the page mode can be read out at 60ns(1) cycle time per word. The I/O pins serve as the ports for address and
data input/output as well as command input. This interface allows a reduced pin count and easy migration towards dif-
ferent densities, without any rearrangement of footprint.
Commands, Data and Addresses are synchronously introduced using CE#, WE#, ALE and CLE input pin.
The on-chip Program/Erase Controller automates all program and erase functions including pulse repetition, where
required, and internal verification and margining of data.
The modifying can be locked using the WP# input pin.
The output pin RB# (open drain buffer) signals the status of the device during each operation. In a system with mul-
tiple memories the RB# pins can be connected all together to provide a global status signal.
Even the write-intensive systems can take advantage of the HY27(U/S)F(08/16)1G2M extended reliability of 100K pro-
gram/erase cycles by providing ECC (Error Correcting Code) with real time mapping-out algorithm.
Optionally the chip could be offered with the CE# don’t care function. This option allows the direct download of the
code from the NAND Flash memory device by a microcontroller, since the CE# transitions do not stop the read opera-
tion.
The copy back function allows the optimization of defective blocks management: when a page program operation fails
the data can be directly programmed in another page inside the same array section without the time consuming serial
data insertion phase.
The cache program feature allows the data insertion in the cache register while the data register is copied into the
flash array. This pipelined program operation improves the program throughput when long files are written inside the
memory.
A cache read feature is also implemented. This feature allows to dramatically improve the read throughput when con-
secutive pages have to be streamed out.
This device includes also extra features like OTP/Unique ID area, Automatic Read at Power Up, Read ID2 extension.
The HYNIX HY27(U/S)F(08/16)1G2M series is available in 48 - TSOP1 12 x 20 mm , 48 - WSOP1 12 x 17 mm,
FBGA 9.5 x 12 mm.
1.1 Product List
PART NUMBER
ORIZATION
VCC RANGE
PACKAGE
HY27SF081G2M
x8
1.70 - 1.95 Volt
63FBGA / 48TSOP1 / 48WSOP1
HY27SF161G2M
x16
HY27UF081G2M
x8
2.7V - 3.6 Volt
HY27UF161G2M
x16
NOTE: 1. This parameters is applied to the errata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com