Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVST2800T Datasheet(PDF) 7 Page - VPT, Inc.

Part # DVST2800T
Description  HIGH RELIABILITY DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVST2800T Datasheet(HTML) 7 Page - VPT, Inc.

Back Button DVST2800T Datasheet HTML 3Page - VPT, Inc. DVST2800T Datasheet HTML 4Page - VPT, Inc. DVST2800T Datasheet HTML 5Page - VPT, Inc. DVST2800T Datasheet HTML 6Page - VPT, Inc. DVST2800T Datasheet HTML 7Page - VPT, Inc. DVST2800T Datasheet HTML 8Page - VPT, Inc. DVST2800T Datasheet HTML 9Page - VPT, Inc. DVST2800T Datasheet HTML 10Page - VPT, Inc. DVST2800T Datasheet HTML 11Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DVST2800T Series
DVST2800T-2.0
7
BLOCK DIAGRAM
UNDE R
VOLTAGE
SHUTDOWN
PRIMARY
HOUS EKEEPING
SUPP LY
PWM
CONTROL
VOLTAGE AND
CURRENT
AMPLIFIERS
SECONDARY
HOUS EKEEPING
SUPP LY
PIN 1
28V IN
PIN 3
IN COM
+V OUT
PIN 5
PIN 6
OUT COM
INH
PIN 4
FEEDBACK
MAGNETIC
PWM
CONTROL
+V OUT
PIN 7
PIN 8
OUT COM
+V OUT
PIN 9
PIN 10
OUT COM
LINEA R
REGULATOR
LINEA R
REGULATOR
PIN 2
CASE
Figure 3
INHIBIT DRIVE CONNECTION DIAGRAMS
3
IN COM
4
INH
1
28V IN
OPTIONAL
CAPA CITOR
BIAS
11V
20K
3
IN COM
4
INH
1
28V IN
OPTIONAL
CAPA CITOR
BIAS
11V
20K
OPTOISOLATOR
Figure 4
– Internal Inhibit Circuit and Recommended Drive
Figure 5
– Isolated Inhibit Drive
(Shown with optional capacitor for turn-on delay)
(Shown with optional capacitor for turn-on delay)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com