Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F6525T-E/PTSQTP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F6525T-E/PTSQTP
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6525T-E/PTSQTP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F6525T-E/PTSQTP Datasheet HTML 17Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 18Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 19Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 20Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 21Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 22Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 23Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 24Page - Microchip Technology PIC18F6525T-E/PTSQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 396 page
background image
 2005 Microchip Technology Inc.
DS39612B-page 19
PIC18F6525/6621/8525/8621
PORTH is a bidirectional I/O port(6).
RH0/A16
RH0
A16
—79
I/O
O
ST
TTL
Digital I/O.
External memory address 16.
RH1/A17
RH1
A17
—80
I/O
O
ST
TTL
Digital I/O.
External memory address 17.
RH2/A18
RH2
A18
—1
I/O
O
ST
TTL
Digital I/O.
External memory address 18.
RH3/A19
RH3
A19
—2
I/O
O
ST
TTL
Digital I/O.
External memory address 19.
RH4/AN12/P3C
RH4
AN12
P3C(7)
—22
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 12.
ECCP3 output P3C.
RH5/AN13/P3B
RH5
AN13
P3B(7)
—21
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 13.
ECCP3 output P3B.
RH6/AN14/P1C
RH6
AN14
P1C(7)
—20
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 14.
ECCP1 output P1C.
RH7/AN15/P1B
RH7
AN15
P1B(7)
—19
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 15.
ECCP1 output P1B.
TABLE 1-2:
PIC18F6525/6621/8525/8621 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F6X2X
PIC18F8X2X
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1: Alternate assignment for ECCP2/P2A in PIC18F8525/8621 devices when CCP2MX (CONFIG3H<0>) is not set (all
Program Memory modes except Microcontroller).
2: Default assignment for ECCP2/P2A when CCP2MX is set (all devices).
3: External memory interface functions are only available on PIC18F8525/8621 devices.
4: Default assignment for P1B/P1C/P3B/P3C for PIC18F8525/8621 devices when ECCPMX (CONFIG3H<1>) is set and for
all PIC18F6525/6621 devices.
5: Alternate assignment for ECCP2/P2A in PIC18F8525/8621 devices when CCP2MX is not set (Microcontroller mode).
6: PORTH and PORTJ (and their multiplexed functions) are only available on PIC18F8525/8621 devices.
7: Alternate assignment for P1B/P1C/P3B/P3C for PIC18F8525/8621 devices when ECCPMX (CONFIG3H<1>) is not set.
8: AVDD must be connected to a positive supply and AVSS must be connected to a ground reference for proper operation of
the part in user or ICSP™ modes. See parameter D001 for details.
9: RG5 is multiplexed with MCLR and is only available when the MCLR Resets are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com