Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE20DV1065 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE20DV1065
Description  2 Way 2.92mm Power Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20DV1065 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE20DV1065 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20DV1065 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20DV1065 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20DV1065 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20DV1065 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
26
28
30
32
34
36
38
40
dB
GHz
Isolation
2 Way 2.92mm Power Divider from 26.5 GHz to 40 GHz Rated at 20 Watts from Pasternack Enterprises has same day ship-
ment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Way 2.92mm Power Divider from 26.5 GHz to 40 GHz Rated at 20 Watts PE20DV1065
URL: https://www.pasternack.com/2-way-2.92mm-power-divider-40-ghz-pe20dv1065-p.aspx
PE20DV1065 REV 1.0
Power Dividers Technical Data Sheet
PE20DV1065
2 Way 2.92mm Power Divider from 26.5 GHz
to 40 GHz Rated at 20 Watts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com