Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE20DV1069 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE20DV1069
Description  4 Way 2.92mm Power Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20DV1069 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE20DV1069 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20DV1069 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20DV1069 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20DV1069 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20DV1069 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Features
• 4-Way Power Divider
• High Power Wilkinson Design
• 18 to 40 GHz Frequency Range
• Max Power 20 Watts (CW)
• Insertion Loss < 1.6 dB
• Isolation > 16 dB
Applications
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
.
Description
Pasternack carries a wide selection of power dividers to fit your needs. These components are essential in many systems,
allowing the combination of multiple signals or splitting of a single signal into multiple signals with equal magnitude and phase.
Pasternack’s resistive and Wilkinson power dividers come with excellent performance featuring minimal loss, high isolation
and low VSWR. They are available in both narrow and broad bandwidths with a variety of connector types such as 2.92mm,
BNC, N and SMA.
The PE20DV1069 is a 4-way high power Wilkinson power divider that operates from 18 to 40 GHz and can handle up to 20
Watts (CW) with 1.6 dB max insertion loss and 16 dB min isolation. The package interface uses 2.92mm female connectors
and is REACH and RoHS compliant.
Electrical Specifications
Design
Wilkinson
Number of Output Ports
4
Description
Minimum
Typical
Maximum
Units
Frequency Range
18
40
GHz
Impedance
50
Ohms
Input VSWR
1.5:1
1.7:1
Output VSWR
1.4:1
1.5:1
Insertion Loss
1.2
1.6
dB
Isolation
16
18
dB
Amplitude Balance
±0.3
±0.4
dB
Phase Balance
±5
±8
Degrees
Input Power (CW)
20
Watts
Reverse Power (CW)
0.5
Watts
Input Power (Peak)
200
Watts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4 Way 2.92mm Power Divider from 18 GHz to 40 GHz Rated at 20 Watts PE20DV1069
PE20DV1069 REV 1.0
4 Way 2.92mm Power Divider from 18 GHz
to 40 GHz Rated at 20 Watts
Power Dividers Technical Data Sheet
PE20DV1069


Similar Part No. - PE20DV1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20DV1060 PASTERNACK-PE20DV1060 Datasheet
529Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1061 PASTERNACK-PE20DV1061 Datasheet
679Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1062 PASTERNACK-PE20DV1062 Datasheet
673Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1063 PASTERNACK-PE20DV1063 Datasheet
673Kb / 5P
2 Way SMA Power Divider
PE20DV1064 PASTERNACK-PE20DV1064 Datasheet
671Kb / 5P
2 Way 2.92mm Power Divider
More results

Similar Description - PE20DV1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20DV1061 PASTERNACK-PE20DV1061 Datasheet
679Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1062 PASTERNACK-PE20DV1062 Datasheet
673Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1064 PASTERNACK-PE20DV1064 Datasheet
671Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1065 PASTERNACK-PE20DV1065 Datasheet
671Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1068 PASTERNACK-PE20DV1068 Datasheet
693Kb / 5P
4 Way 2.92mm Power Divider
PE2077 PASTERNACK-PE2077_16 Datasheet
500Kb / 3P
2 Way 2.92mm Power Divider
PE2078 PASTERNACK-PE2078_16 Datasheet
581Kb / 3P
2 Way 2.92mm Power Divider
PE20DV1058 PASTERNACK-PE20DV1058 Datasheet
530Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1059 PASTERNACK-PE20DV1059 Datasheet
535Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1060 PASTERNACK-PE20DV1060 Datasheet
529Kb / 5P
2 Way 2.92mm Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com