Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLCW12WD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XLCW12WD
Description  T-1 3/4 (5mm) SOLID STATE LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XLCW12WD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XLCW12WD Datasheet HTML 1Page - List of Unclassifed Manufacturers XLCW12WD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.SunLED.com
Part Number:
XLCW12WD
T-1 3/4 (5mm) SOLID STATE LAMP
Published Date : SEP 11,2003
Drawing No :XDSA2065
V3
Checked : B.L.LIU
P.1/2
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
Features
LOW POWER CONSUMPTION.
POPULAR T-1 3/4 DIAMETER PACKAGE.
GENERAL PURPOSE LEADS.
RELIABLE AND RUGGED.
LONG LIFE - SOLID STATE RELIABILITY.
AVAILABLE ON TAPE AND REEL.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Viewing
Angle
2
θ 1/2
min.
typ.
XLCW12WD
White
GaN
Water Clear
2200
3195
20°
Operating Characteristics
(TA=25°C))))
CW-D
(GaN)
Unit
Forward voltage (typ.)
(IF=20mA)
VF
3.5
V
Forward voltage (max.)
(IF=20mA)
VF
4.0
V
Reverse current
(VR=5V)
IR
10
uA
X
0.33
Y
0.34
Capacitance
(VF=0V, f=1MHz)
C
100
pF
Chromaticity Coordinates
(typ.)
Absolute maximum ratings
(TA=25°C))))
CW-D
(GaN)
Unit
Reverse voltage
VR
5
V
Forward current
IF
30
mA
Forward current (peak)
1/10Duty cycle
0.1ms pulse width
iFS
150
mA
Power dissipation
PT
105
mW
Operating temperature
TA
-40 ~ +85
Storage temperature
Tstg
-40 ~ +85
Lead solder temperature
[2mm below package base]
260°C For 5 Seconds
°C


Similar Part No. - XLCW12WD

ManufacturerPart #DatasheetDescription
logo
XENOENERGY Co.Ltd.,
XLC-0820 XENO-XLC-0820 Datasheet
246Kb / 1P
XLC (XENO Lithium Ion Capacitor)
XLC-1030 XENO-XLC-1030 Datasheet
226Kb / 1P
XLC (XENO Lithium Ion Capacitor)
XLC-1320 XENO-XLC-1320 Datasheet
241Kb / 1P
XLC (XENO Lithium Ion Capacitor)
XLC-1325 XENO-XLC-1325 Datasheet
227Kb / 1P
XLC (XENO Lithium Ion Capacitor)
XLC-1335 XENO-XLC-1335 Datasheet
226Kb / 1P
XLC (XENO Lithium Ion Capacitor)
More results

Similar Description - XLCW12WD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1503EC KINGBRIGHT-WP1503EC Datasheet
260Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113ED KINGBRIGHT-WP7113ED Datasheet
261Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113PGC KINGBRIGHT-WP7113PGC Datasheet
258Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113NC KINGBRIGHT-WP7113NC Datasheet
261Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
L-53SRC-DV KINGBRIGHT-L-53SRC-DV Datasheet
77Kb / 3P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7524VGC-Z KINGBRIGHT-WP7524VGC-Z Datasheet
131Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7524SYC-J KINGBRIGHT-WP7524SYC-J Datasheet
134Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
WP7113ZGC KINGBRIGHT-WP7113ZGC Datasheet
264Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP63IT KINGBRIGHT-WP63IT Datasheet
262Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
WP1503YC KINGBRIGHT-WP1503YC Datasheet
259Kb / 6P
T-1 3/4 (5mm) SOLID STATE LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com