Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVRMC28/K Datasheet(PDF) 7 Page - VPT, Inc.

Part # SVRMC28/K
Description  SPACE QUALIFIED HYBRID EMI FILTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRMC28/K Datasheet(HTML) 7 Page - VPT, Inc.

  SVRMC28/K Datasheet HTML 1Page - VPT, Inc. SVRMC28/K Datasheet HTML 2Page - VPT, Inc. SVRMC28/K Datasheet HTML 3Page - VPT, Inc. SVRMC28/K Datasheet HTML 4Page - VPT, Inc. SVRMC28/K Datasheet HTML 5Page - VPT, Inc. SVRMC28/K Datasheet HTML 6Page - VPT, Inc. SVRMC28/K Datasheet HTML 7Page - VPT, Inc. SVRMC28/K Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRMC28
– 8.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 7
SVRMC28 Series
6.0 STANDARD MICROCIRCUIT DRAWING (SMD) NUMBERS
DLA Drawing
Number
SVRMC Series
Similar Part Number
13010-01HXC
13010-01HXA
13010-01HYC
13010-01HYA
13010-01KXC
13010-01KXA
13010-01KYC
13010-01KYA
SVRMC28/H+
SVRMC28/H+-E
SVRMC28F/H+
SVRMC28F/H+-E
SVRMC28/K
SVRMC28/K-E
SVRMC28F/K
SVRMC28F/K-E
Do not use the SVRMC28 Series similar part number for DLA Drawing product acquisition. It is listed for reference only. For exact
specifications for the DLA Drawing product, refer to the DLA Drawing. DLA Drawings can be downloaded from the DLA Land and
Maritime (Previously known as DSCC) website at https://landandmaritimeapps.dla.mil/programs/defaultapps.asp. The DLA Drawing
number listed above is for MIL-PRF-38534 Class K screening and standard gold plated lead finish. Please reference the DLA Drawing
for other screening levels and lead finishes. All DLA Drawing
products are marked with a “Q” on the cover as specified by the QML
certification mark requirement of MIL-PRF-38534.
7.0 ORDERING INFORMATION
SVRMC
28
F
/K
-
XXX
1
2
3
4
5
(1)
Product
Series
(2)
Nominal Input
Voltage
(3)
Package Option
(4)
Screening Code1,2,3
(5)
Additional
Screening
Code
SVRMC
28
28 Volts
(None)
F
Non-Flanged
Flanged
/EM
/H+
/K
Engineering Model
Class H + PIND
Class K
Contact Sales
1
Contact the VPT Sales Department for availability of Class H (/H) or Class K (/K) qualified products
2
VPT Inc. reserves the right to ship higher screened or SMD products to meet lower screened orders at our sole discretion unless specifically forbidden by customer
contract.
3
Engineering models utilize only the standard screening specified and are not considered compliant for flight use. These models are intended for low volume engineering
characterization. The customer must place the following statement on each line item of their purchase order(s) for /EM units when ordering engineering models:
“(Customer Name) acknowledges that the /EM unit listed in this line item is not permitted for flight use and will be used for engineering characterization only.”
Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional environmental
screening and testing, different input voltage, output voltage, power requirements, source inspection, and/or special element evaluation
for space or other higher quality applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com