Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLK4/7.3 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # DLK4/7.3
Description  DLK serise reactors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

DLK4/7.3 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  DLK4/7.3 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DLK serise reactors
Applications:
Used as line reactor, rectifier reactir reactor or PFC reactor
power harmonic damping,The starting current limit increases
the customer's life,Low temperature wave due to vacuum
impregnation with good corrosion protection and low noise
bridge voltage drop,Peak current limit.
working environment:
Rated voltage:230 or 400 Vac
Rated current:4~25 A
Inductance:1.170~12.750 mH
Insulation class:B(130℃)
Ambient temperature:-30℃~+40℃
Working frequency:50~60Hz
Technical Data Sheet:
Dimension drawing(in mm):
www.yhdc.com
Email:yhdc@yhdc.com
Model
DLK4/7.3
DLK4/12.8
DLK6/4.9
DLK6/8.5
DLK10/2.9
DLK10/5.0
DLK16/1.8
DLK16/3.2
DLK20/1.5
DLK20/2.5
DLK25/1.2
DLK25/2.0
Rated voltage
230V
400V
230V
400V
230V
400V
230V
400V
230V
400V
230V
400V
current
4A
4A
6A
6A
10A
10A
16A
16A
20A
20A
25A
25A
weight KG
1
1
1
2.3
2.8
2.8
2.8
3.5
2.8
5.2
3.5
5.2
Inductance
7.3mH
12.8mH
4.9mH
8.5mH
2.9mH
5mH
1.8mH
3.2mH
1.5mH
2.5mH
1.2mH
2mH
Voltage drop
9.2V
16V
9.2V
16V
9.2V
16V
9.2V
16V
9.2V
16V
9.2V
16V
L mm
76
86
96
86
114
86
114
H mm
84.5
92
100
92
110
92
110
L1mm
56
74
84
74
96
74
96
W1mm
46
62
62
62
84
62
84
Mounting aperture dmm
4.6
5.5
5.5
5.5
6.5
5.5
6.5
Main view
Tast chat
Base plate fixation
L1
L
Terminal
Grounding plug


Similar Part No. - DLK4/7.3

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DLK-702B SYNERGY-DLK-702B Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
DLK-712S SYNERGY-DLK-712S Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
DLK-772B SYNERGY-DLK-772B Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
DLK-7L4S SYNERGY-DLK-7L4S Datasheet
39Kb / 1P
POWER DIVIDERS 0쨘 : 12-WAY
logo
Texas Instruments
DLKPC192S TI1-DLKPC192S Datasheet
339Kb / 25P
10-Gbps ETHERNET LAN PHYSICAL CODING SUBLAYER (PCS) WITH SSTL XGMII INTERFACE
More results

Similar Description - DLK4/7.3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDAN202UT1 LRC-LDAN202UT1 Datasheet
79Kb / 3P
Dual Serise Switching Diodes
logo
Filtran LTD
4831 FILTRAN-4831 Datasheet
90Kb / 1P
D.C. Reactors International
logo
Leshan Radio Company
LDAN202KLT1G LRC-LDAN202KLT1G_15 Datasheet
67Kb / 3P
Dual Serise Switching Diodes
LDAN202UT1G LRC-LDAN202UT1G_15 Datasheet
82Kb / 3P
Dual Serise Switching Diodes
logo
Yea Shin Technology Co....
BAV99W-A YEASHIN-BAV99W-A Datasheet
722Kb / 4P
Dual Serise Switching Diodes
logo
List of Unclassifed Man...
2SK1686 ETC2-2SK1686 Datasheet
183Kb / 2P
HVX Serise Power MOSFET
logo
Leshan Radio Company
LDAN202KLT1G LRC-LDAN202KLT1G Datasheet
219Kb / 3P
Dual Serise Switching Diodes
logo
First Silicon Co., Ltd
FDS99U FS-FDS99U Datasheet
268Kb / 4P
Dual Serise Switching Diodes
logo
PHOENIX CONTACT
3011999 PHOENIX-3011999 Datasheet
151Kb / 5P
DLK 4-PE
logo
SHIKUES Electronics
BAV199 SKTECHNOLGY-BAV199 Datasheet
648Kb / 2P
Dual Serise Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com