Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18LF8621 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC18LF8621
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF8621 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC18LF8621 Datasheet HTML 52Page - Microchip Technology PIC18LF8621 Datasheet HTML 53Page - Microchip Technology PIC18LF8621 Datasheet HTML 54Page - Microchip Technology PIC18LF8621 Datasheet HTML 55Page - Microchip Technology PIC18LF8621 Datasheet HTML 56Page - Microchip Technology PIC18LF8621 Datasheet HTML 57Page - Microchip Technology PIC18LF8621 Datasheet HTML 58Page - Microchip Technology PIC18LF8621 Datasheet HTML 59Page - Microchip Technology PIC18LF8621 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 396 page
background image
PIC18F6525/6621/8525/8621
DS39612B-page 54
 2005 Microchip Technology Inc.
PORTJ(3)
Read PORTJ pins, Write PORTJ Data Latch
xxxx xxxx
35, 127
PORTH(3)
Read PORTH pins, Write PORTH Data Latch
0000 xxxx
35, 124
PORTG
—
—
RG5(4)
Read PORTG pins, Write PORTG Data Latch
--xx xxxx
36, 121
PORTF
Read PORTF pins, Write PORTF Data Latch
x000 0000
36, 119
PORTE
Read PORTE pins, Write PORTE Data Latch
xxxx xxxx
36, 116
PORTD
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
36, 113
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
36, 110
PORTB
Read PORTB pins, Write PORTB Data Latch
xxxx xxxx
36, 108
PORTA
—RA6(1)
Read PORTA pins, Write PORTA Data Latch(1)
-x0x 0000
36, 105
SPBRGH1
Enhanced USART1 Baud Rate Generator Register High Byte
0000 0000
36, 217
BAUDCON1
—
RCIDL
—SCKP
BRG16
—
WUE
ABDEN
-1-0 0-00
36, 216
SPBRGH2
Enhanced USART2 Baud Rate Generator Register High Byte
0000 0000
36, 217
BAUDCON2
—
RCIDL
—SCKP
BRG16
—
WUE
ABDEN
-1-0 0-00
36, 216
ECCP1DEL
P1RSEN
P1DC6
P1DC5
P1DC4
P1DC3
P1DC2
P1DC1
P1DC0
0000 0000
36, 168
TMR4
Timer4 Register
0000 0000
36, 148
PR4
Timer4 Period Register
1111 1111
36, 148
T4CON
—
T4OUTPS3 T4OUTPS2 T4OUTPS1 T4OUTPS0
TMR4ON
T4CKPS1
T4CKPS0
-000 0000
36, 147
CCPR4H
Capture/Compare/PWM Register 4 High Byte
xxxx xxxx
36, 153
CCPR4L
Capture/Compare/PWM Register 4 Low Byte
xxxx xxxx
36, 153
CCP4CON
—
—
DC4B1
DC4B0
CCP4M3
CCP4M2
CCP4M1
CCP4M0
--00 0000
36, 149
CCPR5H
Capture/Compare/PWM Register 5 High Byte
xxxx xxxx
36, 153
CCPR5L
Capture/Compare/PWM Register 5 Low Byte
xxxx xxxx
36, 153
CCP5CON
—
—
DC5B1
DC5B0
CCP5M3
CCP5M2
CCP5M1
CCP5M0
--00 0000
36, 149
SPBRG2
Enhanced USART2 Baud Rate Generator Register Low Byte
0000 0000
36, 217
RCREG2
Enhanced USART2 Receive Register
0000 0000
36, 224
TXREG2
Enhanced USART2 Transmit Register
0000 0000
36, 222
TXSTA2
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
36, 222
RCSTA2
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
36, 222
ECCP3AS
ECCP3ASE ECCP3AS2 ECCP3AS1 ECCP3AS0
PSS3AC1
PSS3AC0
PSS3BD1
PSS3BD0
0000 0000
36, 169
ECCP3DEL
P3RSEN
P3DC6
P3DC5
P3DC4
P3DC3
P3DC2
P3DC1
P3DC0
0000 0000
36, 168
ECCP2AS
ECCP2ASE ECCP2AS2 ECCP2AS1 ECCP2AS0
PSS2AC1
PSS2AC0
PSS2BD1
PSS2BD0
0000 0000
36, 169
ECCP2DEL
P2RSEN
P2DC6
P2DC5
P2DC4
P2DC3
P2DC2
P2DC1
P2DC0
0000 0000
36, 168
TABLE 4-3:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, – = unimplemented, q = value depends on condition
Note
1:
RA6 and associated bits are configured as a port pin in RCIO and ECIO Oscillator modes only and read ‘0’ in all other
oscillator modes.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
These registers are unused on PIC18F6525/6621 devices and read as ‘0’.
4:
RG5 is available only if MCLR function is disabled in configuration.
5:
Enabled only in Microcontroller mode for PIC18F8525/8621 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com