Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7958X Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7958X
Description  2.5Gb/s High Speed Limiting Post Amplifier for OC-48/SDH-16 Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7958X Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7958X Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7958X Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7958X Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7958X Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7958X Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7958X Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7958X Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7958X Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7958
2.5Gb/s High Speed Limiting Post Amplifier
for OC-48/SDH-16 Applications
Page 2
G52184-0, Rev 3.0
05/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 1: Electrical Specifications
All min and max values are tested at VSS = -4.5V and -5.5V, unless otherwise noted. All min and max values are guaranteed from
TCASE = 0°C to 85°C, unless otherwise noted.
NOTE:(1) These values are not measured during production test. These values are results of engineering characterization.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VIN±
(1)
Input Voltage Swing
-
-
800
mVp-p Single-ended source
(VIN+) - (VIN-)
(1)
Input Voltage Swing
-
-
1600
mVp-p Differential source
(VREF+) - (VREF-)
Input Offset Voltage Swing
-
10
25
mV
VIN = 0
(VOUT+) - (VOUT -) Output Voltage Swing
320
500
1200
mVp-p
Differential Output Swing.
VIN = 8mV, Differential
Input peak-to-peak
VOFFSET
Output DC Offset Voltage
-
-0.5
-
V
Measured to ground
PW%
Output Pulse Width
90
100
110
%
tR, tF
Rise and Fall Time
-
100
-
ps
20%-80%, 25°C,
VIN = 50mV
G
Small Signal Gain
26
30
45
dB
VIN = 4mVp-p single-
ended
fMAX
(1)
Small Signal -3dB Bandwidth
-
3
-
GHz
25°C, VIN = 4mVp-p
fMIN
(1)
Low Frequency -3dB Cutoff
-
30
-
kHz
25°C, VIN = 4mVp-p
S11
(1)
Input Return Loss Reference to 50
Ω
-
15
-
dB
At 1.5GHz
S22
(1)
Output Return Loss Reference to 50
Ω
-
15
-
dB
At 1.5GHz
ISS
Supply Current
-
80
100
mA
NF
(1)
Noise Figure
-
15
-
dB
8kHz to 18GHz
VNR
(1)
Input Referred Wide Band Noise
-
170
-
µV
rms
Total single-ended output
noise voltage divided by
small-signal gain. 8kHz to
18GHz
θ
JC
Thermal Resistance
-
30
-
°C/W
Junction-to-case



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com