Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPHB-1608ZGSURKC-GX Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # KPHB-1608ZGSURKC-GX
Description  1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KPHB-1608ZGSURKC-GX Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KPHB-1608ZGSURKC-GX Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPHB-1608ZGSURKC-GX Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPHB-1608ZGSURKC-GX Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KPHB-1608ZGSURKC-GX Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAK7343 / 1203011134 Rev No: V.11A Date: 12/05/2018
Page 1 / 4
DESCRIPTIONS
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode
The Hyper Red source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
1.6 x 0.8 mm SMD LED, 0.5 mm thickness
Compatible with reflow soldering
Available in various color combination
Package: 2000 pcs / reel
Moisture sensitivity level: 3
Tinned pads for improved solderability
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
KPHB-1608ZGSURKC-GX
■ Green (InGaN)
Water Clear
200
400
130
°
*200
*400
120
250
*40
*90
■ Hyper Red (AlGaInP)
KPHB-1608ZGSURKC-GX
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Green
Green
Kingbright
香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - KPHB-1608ZGSURKC-GX

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPHB-1608CGKSURKC-GX TO-GRACE-KPHB-1608CGKSURKC-GX Datasheet
980Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
KPHB-1608CGKSYKC-GX TO-GRACE-KPHB-1608CGKSYKC-GX Datasheet
1,004Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
Kingbright Corporation
KPHB-1608LVCGKSURKC KINGBRIGHT-KPHB-1608LVCGKSURKC Datasheet
305Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
V.1A 12/15/2017
KPHB-1608LVZGKSURKC KINGBRIGHT-KPHB-1608LVZGKSURKC Datasheet
296Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
V.2A 12/05/2017
logo
HK TO-GRACE TECHNOLOGY ...
KPHB-1608QBDCGKC-GX TO-GRACE-KPHB-1608QBDCGKC-GX Datasheet
987Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

Similar Description - KPHB-1608ZGSURKC-GX

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608QBDSURKC KINGBRIGHT-APHB1608QBDSURKC Datasheet
317Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608QBDSYKC KINGBRIGHT-APHB1608QBDSYKC Datasheet
300Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608LSYKSURKC TO-GRACE-APHB1608LSYKSURKC Datasheet
918Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LQBDCGKC TO-GRACE-APHB1608LQBDCGKC Datasheet
913Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LCGKSYKC TO-GRACE-APHB1608LCGKSYKC Datasheet
946Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608CGKSURKC TO-GRACE-APHB1608CGKSURKC Datasheet
974Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608QBDSYKC TO-GRACE-APHB1608QBDSYKC Datasheet
918Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608ZGKSURKC TO-GRACE-APHB1608ZGKSURKC Datasheet
968Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
KPHB-1608SGEC-GX TO-GRACE-KPHB-1608SGEC-GX Datasheet
965Kb / 4P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
Kingbright Corporation
APHB1608LG3R2C-AMT KINGBRIGHT-APHB1608LG3R2C-AMT Datasheet
550Kb / 6P
1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
Rev No: V.2A Date: 03/22/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com