Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK32D300-SOJ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AK32D300-SOJ
Description  Standard Pitch DIP Adapters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AK32D300-SOJ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AK32D300-SOJ Datasheet HTML 1Page - List of Unclassifed Manufacturers AK32D300-SOJ Datasheet HTML 2Page - List of Unclassifed Manufacturers AK32D300-SOJ Datasheet HTML 3Page - List of Unclassifed Manufacturers AK32D300-SOJ Datasheet HTML 4Page - List of Unclassifed Manufacturers AK32D300-SOJ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0.300"
1.000"
AK20D-PLCC
(can be used for programable devices)
0.400"
0.050"
0.245"
0.300"
1.000"
AK20D-SOJ
(for 1Meg & 4 Meg DRAMs)
0.400"
0.050"
0.335"
0.185"
0.300"
0.900"
AK18D-SOJ-64KX4
(for 64K X 4 DRAMs)
0.400"
0.050"
0.335"
0.185"
0.125"
0.110"
0.125"
0.110"
0.125"
0.110"
AK28D300-SRAM (for 32K x 8,
(64K x 4 & 256K x 4 Static RAM)
0.300"
1.400"
0.400"
0.330"
AK32D400-SRAM
(for 128K x 8 Static RAM)
1.600"
0.500"
0.330"
0.125"
0.080"
0.400"
AK32D300-SRAM
(for 128K x 8 Static RAM)
0.300"
1.600"
0.400"
0.330"
0.110"
0.125"
0.110"
0.125"
ACCUTEKMICRO.COM 8/2001
0.100"
0.100"
0.100"
0.100"
0.100"
0.100"



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com