Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2X080A080 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBR2X080A080
Description  Schottky Rectifier Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR2X080A080 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR2X080A080 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR2X080A080 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR2X080A080 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 80 V
Module Type 160 A
IF(AV) = 160 A
Features
• High Surge Capability
• Type 80 V V
RRM
• Isolation Type Package
SOT-227 Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
Value
Unit
Maximum recurrent peak reverse voltage
VRRM
80
V
Maximum DC blocking voltage
VDC
80
V
Maximum RMS Voltage
VRMS
56
V
Operating temperature
Tj
-40 to 150
°C
Storage temperature
Tstg
-40 to 150
°C
Parameter
Symbol
Value
Unit
Average forward current
(per pkg)
IF(AV)
160
A
Peak forward surge current
(per leg)
IFSM
900
A
0.84
V
0.73
V
1
mA
10
mA
30
mA
Isolation voltage
ViSO
2500
V
Thermal characteristics
* Pulse Test: Pulse width 300 µs, Duty < 2 %
Conditions
Electrical characteristics at 25 °C, unless otherwise specified
Conditions
MBR2X080A080
Tj = 25 °C
8.3 ms, half sine
Maximum ratings
TC = 110 °C
Maximum thermal resistance junction to case
(per leg)
RΘjc
°C/W
Tj = 150 °C
0.60
IFM = 80 A, Tj = 125 °C
Maximum instantaneous reverse current at
rated DC blocking voltage (per leg)
IR
Maximum instantaneous forward voltage*
(per leg)
IFM = 80 A, Tj = 25 °C
VF
Tj = 100 °C
A.C. 1 minute
Schottky Rectifier
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/mbr2x080a080


Similar Part No. - MBR2X080A080

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X080A080 GENESIC-MBR2X080A080 Datasheet
326Kb / 3P
Electrically Isolated Base Plate
More results

Similar Description - MBR2X080A080

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X120A150 GENESIC-MBR2X120A150_18 Datasheet
660Kb / 3P
Schottky Rectifier Module
MBR2X120A200 GENESIC-MBR2X120A200_18 Datasheet
652Kb / 3P
Schottky Rectifier Module
MBR2X160A150 GENESIC-MBR2X160A150_18 Datasheet
652Kb / 3P
Schottky Rectifier Module
MBR2X100A100 GENESIC-MBR2X100A100_18 Datasheet
653Kb / 3P
Schottky Rectifier Module
MBR2X100A180 GENESIC-MBR2X100A180_18 Datasheet
653Kb / 3P
Schottky Rectifier Module
MBR2X100A200 GENESIC-MBR2X100A200_18 Datasheet
652Kb / 3P
Schottky Rectifier Module
MBR2X060A045 GENESIC-MBR2X060A045_18 Datasheet
650Kb / 3P
Schottky Rectifier Module
MBR2X060A080 GENESIC-MBR2X060A080_18 Datasheet
652Kb / 3P
Schottky Rectifier Module
MBR2X060A100 GENESIC-MBR2X060A100_18 Datasheet
651Kb / 3P
Schottky Rectifier Module
MBR2X080A045 GENESIC-MBR2X080A045_18 Datasheet
653Kb / 3P
Schottky Rectifier Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com