Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSD3211 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LSD3211
Description  LED Displays Numeric 7-segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSD3211 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  LSD3211 Datasheet HTML 1Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 2Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 3Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 4Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 5Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 6Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LED Displays Numeric 7-segment
Single Digit Display 8.7”
85
50
14
8.5
595
Yellow
AlInGaP
LSD80068-XX
85
50
12
7.5
660
Super Red
GaAlAs
C.A.
LSD80067-XX
85
50
14
8.5
595
Yellow
AlInGaP
LSD80058-XX
C.C
85
50
12
7.5
660
Super Red
GaAlAs
LSD80057-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 12.0”
3,400
2,600
33
28.5
660
Ultra Red
GaAlAs
C.A.
LSD12001SRA
2,000
1,600
33
28.5
660
Super Red
GaAlAs
LSD12001SRA
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Displays are supplied bin graded and luminous intensity values may be higher in production.
Notes: Display face and segment colours are denoted in the suffix xx
Reflector Surface
Segment Colour
0 Original
0 White Diffused
1 Black
1 Red Diffused
2 Grey
2 Green Diffused
3 Red
3 Yellow Diffused
4 Orange
4 Orange Diffused
Low current options are available add suffix T2
Additional colours and multi-colour versionsmay also be specified. M.O.Q.’s may apply
See additional data sheet for multi-digit types
Specifications may be subject to change without notice
96.0
220.0
(8.7")
270.0
(10.6")
156.0
(6.14")
37.0
(1.45")



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com