Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT16N10D2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTT16N10D2
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT16N10D2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTT16N10D2 Datasheet HTML 1Page - IXYS Corporation IXTT16N10D2 Datasheet HTML 2Page - IXYS Corporation IXTT16N10D2 Datasheet HTML 3Page - IXYS Corporation IXTT16N10D2 Datasheet HTML 4Page - IXYS Corporation IXTT16N10D2 Datasheet HTML 5Page - IXYS Corporation IXTT16N10D2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTT16N10D2
IXTH16N10D2
Fig. 7. Normalized RDS(on) vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGS = 0V
I D = 8A
Fig. 8. RDS(on) Normalized to ID = 8A Value
vs. Drain Current
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
40
ID - Amperes
VGS = 0V
5V
TJ = 150
oC
TJ = 25
oC
TJ = 25
oC
TJ = 150
oC
Fig. 9. Input Admittance
0
10
20
30
40
50
60
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
VGS - Volts
TJ = 150
oC
25
oC
- 40
oC
VDS = 20V
Fig. 10. Transconductance
0
5
10
15
20
25
30
35
0
1020
30405060
ID - Amperes
TJ = - 40
oC
VDS = 20V
25
oC
150
oC
Fig. 12. Forward Voltage Drop of Intrinsic Diode
0
5
10
15
20
25
30
35
40
45
50
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VSD - Volts
TJ = 150
oC
VGS = -10V
TJ = 25
oC
Fig. 11. Normalized Breakdown and Threshold
Voltages vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGS(off) @ VDS = 25V
BVDSX@ VGS = - 5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com