Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT16N20D2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTT16N20D2
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT16N20D2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTT16N20D2 Datasheet HTML 1Page - IXYS Corporation IXTT16N20D2 Datasheet HTML 2Page - IXYS Corporation IXTT16N20D2 Datasheet HTML 3Page - IXYS Corporation IXTT16N20D2 Datasheet HTML 4Page - IXYS Corporation IXTT16N20D2 Datasheet HTML 5Page - IXYS Corporation IXTT16N20D2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTT16N20D2
IXTH16N20D2
Fig. 7. Normalized RDS(on) vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 0V
I D = 8A
Fig. 8. RDS(on) Normalized to ID = 8A Value
vs. Drain Current
0.2
0.6
1.0
1.4
1.8
2.2
2.6
0
5
10
15
20
25
30
35
40
ID - Amperes
VGS = 0V
5V
TJ = 125
oC
TJ = 25
oC
Fig. 9. Input Admittance
0
10
20
30
40
50
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
VGS - Volts
TJ = 125
oC
25
oC
- 40
oC
VDS = 20V
Fig. 10. Transconductance
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
ID - Amperes
TJ = - 40
oC, 25oC, 125oC
VDS = 20V
Fig. 12. Forward Voltage Drop of Intrinsic Diode
0
5
10
15
20
25
30
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VSD - Volts
TJ = 125
oC
VGS = -10V
TJ = 25
oC
Fig. 11. Normalized Breakdown and Threshold
Voltages vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS(off) @ VDS = 25V
BVDSX @ VGS = - 5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com