Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY01N100D Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTY01N100D
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY01N100D Datasheet(HTML) 1 Page - IXYS Corporation

  IXTY01N100D Datasheet HTML 1Page - IXYS Corporation IXTY01N100D Datasheet HTML 2Page - IXYS Corporation IXTY01N100D Datasheet HTML 3Page - IXYS Corporation IXTY01N100D Datasheet HTML 4Page - IXYS Corporation IXTY01N100D Datasheet HTML 5Page - IXYS Corporation IXTY01N100D Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSX
T
J
= 25
C to 150C
1000
V
V
DGX
T
J
= 25
C to 150C
1000
V
V
GSX
Continuous
20
V
V
GSM
Transient
30
V
I
DM
T
C = 25C, Pulse Width Limited by TJ
400
mA
P
D
T
C = 25C
25
W
T
A = 25C
1.1
W
T
J
- 55 ... +150
C
T
JM
150
C
T
stg
- 55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-252
0.35
g
TO-251
0.40
g
TO-220
3.00
g
DS98809E(6/17)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSX
V
GS = -10V, ID = 25A
1000
V
V
GS(off)
V
DS = 25V, ID = 25A
- 2.0
- 4.5
V
I
GSX
V
GS = 20V, VDS = 0V
100 nA
I
DSX(off)
V
DS = VDSX, VGS = -10V
10
A
T
J = 125C
250
A
R
DS(on)
V
GS = 0V, ID = 50mA, Note 1
50
80

I
D(on)
V
GS = 0V, VDS = 25V, Note 1
400
mA
High Voltage
Power MOSFET
N-Channel
IXTY01N100D
IXTU01N100D
IXTP01N100D
V
DSX
=
1000V
R
DS(on)

80
Features
• Normally ON Mode
•
 International Standard Packages
•
 Low R
DS(on) HDMOS
TM
Process
• Rugged Polysilicon Gate Cell Structure
• Fast Switching Speed
Advantages
• Easy to Mount
• Space Savings
• High Power Density
Applications
• Level Shifting
• Triggers
• Solid State Relays
• Current Regulators
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-252 (IXTY)
G D
S
TO-220AB (IXTP)
D (Tab)
G
S
TO-251 (IXTU)
D
S
G
D (Tab)
D (Tab)
G
D
S


Similar Part No. - IXTY01N100D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTY01N100D IXYS-IXTY01N100D Datasheet
93Kb / 2P
N-Channel, Depletion Mode High Voltage MOSFET
logo
Inchange Semiconductor ...
IXTY01N100D ISC-IXTY01N100D Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTY01N100D

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com