Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP02N50D Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP02N50D
Description  High Voltage Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP02N50D Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP02N50D Datasheet HTML 1Page - IXYS Corporation IXTP02N50D Datasheet HTML 2Page - IXYS Corporation IXTP02N50D Datasheet HTML 3Page - IXYS Corporation IXTP02N50D Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSX
T
J
= 25
C to 150C
500
V
V
DGX
T
J
= 25
C to 150C
500
V
V
GSX
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C = 25C
200
mA
I
DM
T
C = 25C, Pulse Width Limited by TJ
800
mA
P
D
T
C = 25C
25
W
T
A = 25C
1.1
W
T
J
- 55 ... +150
C
T
JM
150
C
T
stg
- 55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-252
0.35
g
TO-251
0.40
g
TO-220
3.00
g
DS98861C(5/17)
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSX
V
GS = -10V, ID = 25A
500
V
V
GS(off)
V
DS = 25V, ID = 25A
- 2.5
- 5.0
V
I
GSX
V
GS = 20V, VDS = 0V
100 nA
I
DSX(off)
V
DS = VDSX, VGS = -10V
10
A
T
J = 125C
250
A
R
DS(on)
V
GS = 0V, ID = 50mA, Note 1
20
30

I
D(on)
V
GS = 0V, VDS = 25V, Note 1
250
mA
High Voltage
Power MOSFET
N-Channel
IXTY02N50D
IXTU02N50D
IXTP02N50D
V
DSX
=
500V
I
D25
=
200mA
R
DS(on)

30
Features
• Normally ON Mode
•
 International Standard Packages
•
 Low R
DS(on) HDMOS
TM
Process
• Rugged Polysilicon Gate Cell Structure
• Fast Switching Speed
Advantages
• Easy to Mount
• Space Savings
• High Power Density
Applications
• Level Shifting
• Triggers
• Solid State Relays
• Current Regulators
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-252 (IXTY)
G D
S
TO-220AB (IXTP)
D (Tab)
G
S
TO-251 (IXTU)
D
S
G
D (Tab)
D (Tab)
G
D
S


Similar Part No. - IXTP02N50D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP02N50D IXYS-IXTP02N50D Datasheet
93Kb / 2P
High Voltage MOSFET N-Channel, Depletion Mode
More results

Similar Description - IXTP02N50D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH6N120 IXYS-IXTH6N120 Datasheet
590Kb / 4P
High Voltage Power MOSFET
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTF02N450 IXYS-IXTF02N450 Datasheet
161Kb / 5P
High Voltage Power MOSFET
IXTF1N450 IXYS-IXTF1N450 Datasheet
158Kb / 5P
High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
High Voltage Power MOSFET
IXTJ6N150 IXYS-IXTJ6N150 Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTU05N100 IXYS-IXTU05N100 Datasheet
109Kb / 4P
High Voltage Power MOSFET
IXFT12N100QHV IXYS-IXFT12N100QHV Datasheet
205Kb / 5P
High Voltage Power MOSFET
IXTH1N300P3HV IXYS-IXTH1N300P3HV Datasheet
220Kb / 5P
High Voltage Power MOSFET
2014
IXTT1N450HV IXYS-IXTT1N450HV_V01 Datasheet
219Kb / 6P
High Voltage Power MOSFET
04/14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com