Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTY08N100D2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTY08N100D2
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY08N100D2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTY08N100D2 Datasheet HTML 1Page - IXYS Corporation IXTY08N100D2 Datasheet HTML 2Page - IXYS Corporation IXTY08N100D2 Datasheet HTML 3Page - IXYS Corporation IXTY08N100D2 Datasheet HTML 4Page - IXYS Corporation IXTY08N100D2 Datasheet HTML 5Page - IXYS Corporation IXTY08N100D2 Datasheet HTML 6Page - IXYS Corporation IXTY08N100D2 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
IXYS REF: T_08N100D2(1C)8-25-09
IXTY08N100D2 IXTA08N100D2
IXTP08N100D2
Fig. 14. Gate Charge
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
1012
1416
QG - NanoCoulombs
VDS = 500V
I D = 400mA
I G = 1mA
Fig. 13. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 17. Maximum Transient Thermal Impedance
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 15. Forward-Bias Safe Operating Area
@ TC = 25
oC
0.01
0.10
1.00
10.00
10
100
1,000
VDS - Volts
1ms
100μs
RDS(on) Limit
10ms
100ms
DC
25μs
TJ = 150
oC
TC = 25
oC
Single Pulse
Fig. 16. Forward-Bias Safe Operating Area
@ TC = 75
oC
0.01
0.10
1.00
10.00
10
100
1,000
VDS - Volts
TJ = 150
oC
TC = 75
oC
Single Pulse
1ms
100μs
RDS(on) Limit
10ms
100ms
DC
25μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com