Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T25D32ASEPR Datasheet(PDF) 58 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D32ASEPR
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D32ASEPR Datasheet(HTML) 58 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D32ASEPR Datasheet HTML 54Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASEPR Datasheet HTML 55Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASEPR Datasheet HTML 56Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASEPR Datasheet HTML 57Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASEPR Datasheet HTML 58Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASEPR Datasheet HTML 59Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASEPR Datasheet HTML 60Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASEPR Datasheet HTML 61Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D32ASEPR Datasheet HTML 62Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
58
Note: A23-A8 = 0; A7-A0 are used to define the starting byte address for the 256-byte SFDP Register.
Figure 7.32 Read SFDP Register Instruction
7.5.6 Erase Security Registers (44h)
The
HM25Q128A offers three 256-byte Security Registers which can be erased and programmed
individually. These registers may be used by system manufacturers to store security and other important
information separately from the main memory array.
The Erase Security Register command is similar to the Sector Erase command. A Write Enable
command must be executed before the device will accept the Erase Security Register Command (Status
Register bit WEL must equal to 1). The command is initiated by driving the CS# pin low and shifting the
instruction code “44h” followed by a 24-bit address (A23-A0) to erase one of the security registers.
Address
A23-16
A15-8
A7-0
Security Register-1
00h
10h
xxh
Security Register-2
00h
20h
xxh
Security Register-3
00h
30h
xxh
Note:
1. Addresses outside the ranges in the table have undefined results.
The Erase Security Register command sequence is shown in Figure 7.33. The CS# pin must be driven
high after the eighth bit of the last byte has been latched. If this is not done the command will not be executed.
After CS# is driven high, the self-timed Erase Security Register operation will commence for a time duration of
tSE (see Section 8.5, AC Electrical Characteristics). While the Erase Security Register cycle is in progress, the
Read Status Register command may still be accessed for checking the status of the BUSY bit. The BUSY bit
is a 1 during the erase cycle and becomes a 0 when the cycle is finished and the device is ready to accept
other commands again. After the Erase Security Register cycle has finished the Write Enable Latch (WEL) bit
in the Status Register is cleared to 0. The Security Register Lock Bits (LB[3:1]) in the Status Register-2 can be
used to OTP protect the security registers. Once a lock bit is set to 1, the corresponding security register will
be permanently locked, and an Erase Security Register command to that register will be ignored.
Figure 7.33 Erase Security Registers Instruction
7.5.7 Program Security Registers (42h)
The Program Security Register command is similar to the Page Program command. It allows from one
byte to 256 bytes of security register data to be programmed at previously erased (FFh) memory locations. A
Write Enable command must be executed before the device will accept the Program Security Register
Command (Status Register bit WEL= 1). The command is initiated by driving the CS# pin low then shifting the
instruction code “42h” followed by a 24-bit address (A23-A0) and at least one data byte, into the DI pin. The
CS# pin must be held low for the entire length of the command while data is being sent to the device.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com