Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA952M Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA952M
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA952M Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA952M Datasheet HTML 1Page - Continental Device India Limited CSA952M Datasheet HTML 2Page - Continental Device India Limited CSA952M Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSA952
(9AW)
TO-92
BCE
MARKING : AS BELOW
Audio Frequency Power Amplifier.
Complementary CSC2001
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
BVCBO
30
V
Collector Emitter Voltage
BVCEO
25
V
Emitter Base Voltage
BVEBO
5.0
V
Collector Current (DC)
IC
700
mA
Collector Current (Peak)
ICP**
1.0
A
Collector Power Dissipation
Ptot
600
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
**PW=10ms, duty cycle=50%
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=30V, IE=0
-
-
100
nA
ICEO
VCE=25V, IB=0
-
-
1.0
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC Current Gain
hFE (1)
VCE=1V, IC=100mA*
90
-
400
hFE (2)
VCE=1V, IC=700mA*
50
-
-
Base Emitter Voltage
VBE(on)
IC=10mA, VCE=6V*
0.6
-
0.7
V
Collector Emitter Saturation Voltage
VCE(Sat)
IC=700mA, IB=70mA*
-
-
0.6
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=700mA, IB=70mA*
-
-
1.2
V
Dynamic Characteristics
Transition Frequency
ft
VCE=6V, IC=10mA,
50
-
-
MHz
Collector Output Capacitance
Cob
VCB=6V, IE=0
-
-
40
pF
f=1MHz
hFE(1) Classification :
M : 90-180;
L : 135-270;
K : 200-400
Marking
CSA
CSA
CSA
952
952
952
ML
K
*PW=350us, duty cycle=2% pulsed
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSA952M

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA950 CDIL-CSA950 Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
logo
Rectron Semiconductor
CSA950 RECTRON-CSA950 Datasheet
50Kb / 2P
PNP Planar Epitaxial Transistor
logo
Continental Device Indi...
CSA950O CDIL-CSA950O Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
CSA950Y CDIL-CSA950Y Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
More results

Similar Description - CSA952M

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com