Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2141CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2141CS
Description  150MHz Differential Twisted Pair Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2141CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL2141CS Datasheet HTML 1Page - Intersil Corporation EL2141CS Datasheet HTML 2Page - Intersil Corporation EL2141CS Datasheet HTML 3Page - Intersil Corporation EL2141CS Datasheet HTML 4Page - Intersil Corporation EL2141CS Datasheet HTML 5Page - Intersil Corporation EL2141CS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FN7048.1
February 11, 2005
Typical Applications Circuits
FIGURE 7. TYPICAL TWISTED PAIR APPLICATION
FIGURE 8. DIFFERENTIAL LINE DRIVER WITH EQUALIZATION
DCGain
R1
R2
R3
++
R2
------------------------------------- SeeFigure9
()
=
HF
()Gain
R1
R2 R4
⁄
() R3
++
R2 R4
⁄
()
------------------------------------------------------ SeeFigure9
()
=
whereF
O
1
2
πC
1 R2
----------------------
=
andF
P
1
2
πC
1R4
----------------------
=
FIGURE 9. DUAL SIGNAL TRANSMISSION CIRCUIT
EL2141



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com