Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB1058 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB1058
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB1058 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB1058 Datasheet HTML 1Page - Continental Device India Limited CSB1058 Datasheet HTML 2Page - Continental Device India Limited CSB1058 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
CSD1489
TO-92
BCE
Low Frequency Power Amplifier.
Complementary CSB1058
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
BVCBO
20
V
Collector Emitter Voltage
BVCEO
16
V
Emitter Base Voltage
BVEBO
6.0
V
Collector Current
IC
2.0
A
Collector Power Dissipation
PC
0.75
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
BVCBO
IC=10uA, IE=0
20
-
-
V
Collector Emitter Voltage
BVCEO
IC=1mA, IB=0
16
-
-
V
Emitter Base Voltage
BVEBO
IE=10uA, IC=0
6.0
-
-
V
Collector Cut off Current
ICBO
VCB=16V, IE=0
-
-
2.0
uA
Emitter Cut off Current
IEBO
VEB=6V, IC=0
-
-
0.2
uA
DC Current Gain
hFE *
VCE=2V, IC=0.1A
100
-
500
VCE=2V, IC=2A
75
-
-
Collector Emitter Saturation Voltage
VCE(Sat)
IC=1A, IB=0.1A
-
-
0.3
V
Dynamic Characteristics
Transition Frequency
ft
VCE=2V, IC=10mA,
-
80
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
20
-
pF
f=1MHz
hFE* Classification :
A 100-240;
B 200-400;
C 350-500
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSB1058

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSB10 CLARKE-CSB10 Datasheet
2Mb / 12P
SIPHON FEED SANDBLASTER
LS0513
logo
List of Unclassifed Man...
CSB100-550 ETC2-CSB100-550 Datasheet
1,021Kb / 1P
Slim Type for IBASE IB550F 3.5" Disk-Size SBC
CSB100-550-4COM ETC2-CSB100-550-4COM Datasheet
1,021Kb / 1P
Slim Type for IBASE IB550F 3.5" Disk-Size SBC
CSB100-883 ETC2-CSB100-883 Datasheet
990Kb / 1P
Slim Type for IBASE IB891 3.5" Disk-Size SBC
CSB100-883 ETC2-CSB100-883 Datasheet
1Mb / 1P
3.5" Disk-Size SBC
More results

Similar Description - CSB1058

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com