Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15-21/GHC-R2S2/2T Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 15-21/GHC-R2S2/2T
Description  1206 Package Chip LED (1.0mm Height)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

15-21/GHC-R2S2/2T Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  15-21/GHC-R2S2/2T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21/GHC-R2S2/2T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21/GHC-R2S2/2T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21/GHC-R2S2/2T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21/GHC-R2S2/2T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21/GHC-R2S2/2T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21/GHC-R2S2/2T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21/GHC-R2S2/2T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21/GHC-R2S2/2T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev
1
Page: 1 of 10
Device No:DSE-0003945
Prepared date: 22-July-2010
Prepared by:Yang yuanyuan
Technical Data Sheet
1206 Package Chip LED (1.0mm Height)
15-21/GHC-R2S2/2T
Features
․
Package in 8mm tape on 7〞diameter reel.
․
Compatible with automatic placement equipment.
․
Compatible with infrared and vapor phase reflow
solder process.
․
Mono-color type.
․
Pb-free.
․
The product itself will remain within RoHS complaint version
Descriptions
․
The 15-21 SMD LED is much smaller than
lead frame type components, thus enable
smaller board size, higher packing density,
reduced storage space and finally smaller
equipment to be obtained.
․
Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․
Backlighting in dashboard and switch.
․
Telecommunication: indicator and backlighting in
telephone and fax.
․
Flat backlight for LCD, switch and symbol.
․
General use.
Device Selection Guide
Chip
PART No.
Material
Emitted Color
Resin Color
15-21/GHC-R2S2/2T
InGaN
Brilliant Green
Water Clear
 香港至恩科技有限公司   
 www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - 15-21/GHC-R2S2/2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-21/GHC-YR1S1/2T EVERLIGHT-15-21/GHC-YR1S1/2T Datasheet
159Kb / 10P
Chip LED (1.1 mm Height)
07-27-2005
15-21/GHC-YR1S1/2T EVERLIGHT-15-21/GHC-YR1S1/2T Datasheet
122Kb / 10P
1206 Package Chip LED (1.0 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-21/GHC-YR1S1/2T TO-GRACE-15-21/GHC-YR1S1/2T Datasheet
755Kb / 10P
1206 Package Chip LED (1.1 mm Height)
More results

Similar Description - 15-21/GHC-R2S2/2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T Datasheet
123Kb / 10P
1206 Package Chip LED (1.0mm Height)
15-21-B6C-YR1S2B2-2T EVERLIGHT-15-21-B6C-YR1S2B2-2T Datasheet
221Kb / 10P
1206 Package Chip LED(1.0mm Height)
15-21-GHC-R2S2-2T EVERLIGHT-15-21-GHC-R2S2-2T Datasheet
192Kb / 10P
1206 Package Chip LED (1.0mm Height)
15-21-T1D-CP1Q2TY-2T EVERLIGHT-15-21-T1D-CP1Q2TY-2T Datasheet
154Kb / 12P
1206 Package Chip LED (1.0mm Height)
15-21-T7D-JQ2S1PY-2T EVERLIGHT-15-21-T7D-JQ2S1PY-2T Datasheet
245Kb / 12P
1206 Package Chip LED (1.0mm Height)
15-11-BHC-ZL2N1QY-2T EVERLIGHT-15-11-BHC-ZL2N1QY-2T_11 Datasheet
205Kb / 10P
1206 Package Chip LED (1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-11-BHC-ZL2N1QY-2T TO-GRACE-15-11-BHC-ZL2N1QY-2T Datasheet
554Kb / 10P
1206 Package Chip LED (1.0mm Height)
15-21-B6C-YR1S2B2-2T TO-GRACE-15-21-B6C-YR1S2B2-2T Datasheet
1Mb / 10P
1206 Package Chip LED(1.0mm Height)
15-21-T1D-CP1Q2TY-2T TO-GRACE-15-21-T1D-CP1Q2TY-2T Datasheet
1Mb / 12P
1206 Package Chip LED (1.0mm Height)
15-21-T7D-JQ2S1PY-2T TO-GRACE-15-21-T7D-JQ2S1PY-2T Datasheet
699Kb / 12P
1206 Package Chip LED (1.0mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com