Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCZP80 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCZP80
Description  Standard Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCZP80 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCZP80 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCZP80 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
ISCZP80
Standard Recovery Diode
FEATURES
·
High surge current capability
·
Wide current range
·
Designed and qualified for industrial and consumer level
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Battery charges
·
Converters
·
Power supplies
·
Machine tool controls
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1600
V
IF(AV)
Average Forward Current
TC=110℃
50
A
IF(RMS)
RMS forward current
62
A
IFSM
Surge Forward Current
50Hz
570
A
60Hz
595
I2t
Surge Forward Current
50Hz
1600
A2s
60Hz
1450
TJ
Junction Temperature
-65~160
℃
Tstg
Storage Temperature Range
-65~160
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case,DC operation
0.95
℃
/W
DO-5


Similar Part No. - ISCZP80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCZ18150 ISC-ISCZ18150 Datasheet
264Kb / 2P
Three Phases Rectifying Bridge Module
More results

Similar Description - ISCZP80

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DDA20 NI-10DDA20_15 Datasheet
138Kb / 1P
Standard Recovery Diode
10EDA10 NI-10EDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA20 NI-10JDA20_15 Datasheet
137Kb / 1P
Standard Recovery Diode
20KDA20 NI-20KDA20_15 Datasheet
145Kb / 1P
Standard Recovery Diode
20KDA60 NI-20KDA60_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA10 NI-30PDA10_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA40 NI-30PDA40_15 Datasheet
145Kb / 1P
Standard Recovery Diode
logo
Insel Rectifier India P...
DS2012SF IRI-DS2012SF Datasheet
464Kb / 5P
STANDARD RECOVERY DIODE
DS2002SD IRI-DS2002SD Datasheet
423Kb / 5P
STANDARD RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com