Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKP20100CT Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HKP20100CT
Description  20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HKP20100CT Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HKP20100CT Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HKP20100CT Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HKP20100CT Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shantou Huashan Electronic Devices Co., Ltd.
20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
█ Features
█ Package
20 Amps Total (10 Amps Per Diode Leg)
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
High Surge Capability
High Current Capability and Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters, Free Wheelings,
and Polarity Protection Applications
█ Maximum Ratings
█ Electrical Characteristic @T
a=25℃unless otherwise specified
Single phase, half wave,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Min
Max
Unit
Condition
Forward Voltage Drop
VFM
0.75
0.85
0.85
1.02
V
IF=10A,TC=125℃
IF=10A,TC=25℃
IF=20A,TC=125℃
IF=20A,TC=25℃
Peak Reverse Current
at Rated DC Blocking Voltage
IRM
0.15
150
mA
VR = VRRM
TC=25℃
TC=125℃
Typical Junction Capacitance(Note 2)
Cj
1000
pF
Typical Thermal Resistance Junction to Case(Note 1)
Rth-j
1.6
℃/W
Voltage Rate Of Change
dV/dt
10000
V/s
Notes: 1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
1―Pin A1
2―Pin K
3―Pin A2
TO-220
Tstg——Storage Temperature………………………………… -65~175℃
Tj——Operating Temperature ……………………………… -65~175℃
VRRM——Peak Repetitive Reverse Voltage…………………………100V
VRWM —— Working Peak Reverse Voltage……………………… 100V
VR—— DC Blocking Voltage……………………………………… 100V
VR(RMS) ——RMS Reverse Voltage………………………………… 70V
IFAV——Average Recified Output Current@Tc=125℃…………………Double Dies 20A
(Note 1)
…………………Single Die 10A
IFSM——Non-Repetitive Peak Forward Surge Current(Single Die,60HZ)………150A
HKP20100CT


Similar Part No. - HKP20100CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HKP2060CT HUASHAN-HKP2060CT Datasheet
523Kb / 2P
20A SCHOTTKY BARREIER RECTIFIER
More results

Similar Description - HKP20100CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HJP2040CT HUASHAN-HJP2040CT Datasheet
224Kb / 2P
20A SCHOTTKY BARREIER RECTIFIER
HJP2045CT HUASHAN-HJP2045CT Datasheet
222Kb / 2P
20A SCHOTTKY BARREIER RECTIFIER
HJP2060CT HUASHAN-HJP2060CT Datasheet
223Kb / 2P
20A SCHOTTKY BARREIER RECTIFIER
HJP20100CT HUASHAN-HJP20100CT Datasheet
176Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKP2060CT HUASHAN-HKP2060CT Datasheet
523Kb / 2P
20A SCHOTTKY BARREIER RECTIFIER
HKF20100CT HUASHAN-HKF20100CT Datasheet
100Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF20150CT HUASHAN-HKF20150CT Datasheet
154Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF20200CT HUASHAN-HKF20200CT Datasheet
158Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKW10100CT HUASHAN-HKW10100CT Datasheet
132Kb / 3P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKW20100CT HUASHAN-HKW20100CT Datasheet
131Kb / 3P
20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com