Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPB6637 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # LPB6637
Description  LPB series sub-plate mounting isolation transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

LPB6637 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  LPB6637 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPB series sub-plate mounting isolation transformer
Model:LPB6637
Characteristics:
Used with 4.8mm Plug terminal,with FDD2-187 cold crimp
termina,easy connection,Vacuum Epoxy Encapsulated,Primary
voltage:110V/220V/230V(or producing as customerized).
Technical Index:
Mounting type:Sub-plate mount
Flame resistance:UL94-V0
Insulation class :B
Operation temperature:-30℃~+40℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤15
60
≤40
≤1.5
1000
V
%
%
VA
℃
W
g
www.yhdc.com
Email:yhdc@yhdc.com
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
6.8V×2
8.5V×2
10.2V×2
13.7V×2
17.1V×2
20.5V×2
27.3V×2
Single
6.8V
8.5V
10.2V
13.7V
17.1V
20.5V
27.3V
Double
5A×2
4A×2
3.33A×2
2.5A×2
2A×2
1.67A×2
1.25A×2
Single
10A
8A
6.66A
5A
4A
3.33A
2.5A
5
1
5
1
7
9
6
7
9
10
94
82
62.5
7.5
5.08±0.3×5
0.6
1
5
6 7
9 10
Front View
Side View
Top View
With Mechanism screw
Used with 4.8mm
Plug terminal
Secondary voltage
Secondary full load current
Secondary no load voltage
Schematic Diagram:
Single output
Double output


Similar Part No. - LPB6637

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
LPB6028 YHDC-LPB6028 Datasheet
1Mb / 1P
LPB series sub-plate mounting isolation transformer
More results

Similar Description - LPB6637

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
LKB4820-L YHDC-LKB4820-L Datasheet
8Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB5424-P YHDC-LKB5424-P Datasheet
1Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6028-T YHDC-LKB6028-T Datasheet
7Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6637-T YHDC-LKB6637-T Datasheet
2Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB7628-P YHDC-LKB7628-P Datasheet
715Kb / 1P
LKB series sub-plate mounting isolation transformer
LKB8630-P YHDC-LKB8630-P Datasheet
814Kb / 1P
LKB series sub-plate mounting isolation transformer
LKB8642-L YHDC-LKB8642-L Datasheet
12Mb / 1P
LKB series sub-plate mounting isolation transformer
LPB4820 YHDC-LPB4820 Datasheet
5Mb / 1P
LPB series sub-plate mounting isolation transformer
LPB5424 YHDC-LPB5424 Datasheet
5Mb / 1P
LPB series sub-plate mounting isolation transformer
LPB6028 YHDC-LPB6028 Datasheet
1Mb / 1P
LPB series sub-plate mounting isolation transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com