Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB45Z Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # STB45Z
Description  STB three-phase synchronous transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

STB45Z Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  STB45Z Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STB three-phase synchronous transformer
Model:STB45Z
Features:
STB three-phase synchronous transformer, vacuum epoxy
potting, electricity Circuit board welding (STB45Z / T
optional terminal input / output), three-phase The
synchronization signal is integrated with the supply voltage.
Technical indicators:
Installation:PCB
Flammability:UL94-V0
Insulation class:B
Working temperature:-30℃~+40℃
Frequency range:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Electrical parameters:
Dimension drawing (in mm):
Wiring schematic diagram:
Primary operating voltage
Primary voltage range
Voltage regulation
rated power
Temperature rise
Load loss
weight
3-1140
±10
≤25
45
30
1
700
V
%
%
VA
℃
W
g
www.yhdc.com
Email:yhdc@yhdc.com
Side view
Bottom View
5×4 6 5×4
5×4
6
Top view
5×4 6
C
B
A
54321
678 9 10 678 9 10 678 9 10
54321 5 4 321
6
5×4
5×4
78
85
Installation hole with M3×10 machine nails
A B C (N)
A B C
Standard connection Y type connection method Triangular connection
Primary-secondary wiring: standard-standard; Y-Y; △-△; Y-△; △-Y


Similar Part No. - STB45Z

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STB458D SAMHOP-STB458D Datasheet
274Kb / 11P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
STMicroelectronics
STB45N10L STMICROELECTRONICS-STB45N10L Datasheet
87Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
STB45N40DM2AG STMICROELECTRONICS-STB45N40DM2AG Datasheet
914Kb / 15P
Extremely low gate charge and input capacitance
27-Aug-2015
STB45N50DM2AG STMICROELECTRONICS-STB45N50DM2AG Datasheet
900Kb / 15P
Automotive-grade N-channel 500 V, 0.07 Ω typ., 35 A MDmesh™ DM2 Power MOSFET in a D²PAK package
October 2015 Rev 1
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
Fast-recovery body diode
02-Jul-2015
More results

Similar Description - STB45Z

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P83P MPSIND-P83P Datasheet
426Kb / 1P
THREE-PHASE TOROIDAL TRANSFORMER
logo
Beijing Yaohuadechang E...
STB45T YHDC-STB45T Datasheet
1Mb / 1P
STB three-phase synchronous transformer
STB6517Z YHDC-STB6517Z Datasheet
1Mb / 1P
STB three-phase synchronous transformer
3TA17-200 YHDC-3TA17-200 Datasheet
1Mb / 1P
Three-phase current transformer
3TA17-300 YHDC-3TA17-300 Datasheet
1Mb / 1P
Three-phase current transformer
3TA019BL YHDC-3TA019BL Datasheet
587Kb / 1P
Three-phase current transformer
3TA8350-100 YHDC-3TA8350-100 Datasheet
675Kb / 1P
Three-phase current transformer
3TA8350-300 YHDC-3TA8350-300 Datasheet
676Kb / 1P
Three-phase current transformer
3TA8350BL-100 YHDC-3TA8350BL-100 Datasheet
1Mb / 1P
Three-phase current transformer
3TA8350BL-400 YHDC-3TA8350BL-400 Datasheet
1Mb / 1P
Three-phase current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com