Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9122 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P9122
Description  6 WATT CCFL TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P9122 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P9122 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL PARAMETERS @ 25°C
Part Number
Pri
DCR
Vpri
Vsec
Turns Ratio
Isec
Sec (7-10)
OCL
Nom
(µH)
Max
(Ω)
Max
(Volt)
Max
(Volt)
Sec/Pri
(±5%)
Pri/Fb
(±5%)
(7-10)
Max
(mA)
DCR
Max
(Ω)
P9122-1
44
0.22
22
1340
67
4.00
7
285
P9122-2
44
0.22
20
1340
86
4.67
7
285
P9122-3
22
0.16
16
1340
100
4.00
7
285
P9122-4
20
0.16
12
1340
125
4.00
7
430
P9122-5
20
0.16
10
1340
150
4.00
7
430
Note:
1.
Operating Freq: 40KHz - 80KHz
2.
OCL (1-3): Measured at 100KHz, 0.1Vrms
3.
Hipot (Pri and Fb to Sec): 1500Vrms, 5sec, 1mA
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P9122
•
For use in: LCD backlight applications, TFT matrixes, aquarium
lighting, medical instrumentation, test equipment & more
•
Rated power output: 6 Watts
•
Low profile package available in Thru-Hole and Surface Mount
•
Operating Temperature 0ºC to +70ºC
•
RoHS Compliant Product
•
Custom Design Available
6 WATT CCFL TRANSFORMER
DIMENSIONS
SCHEMATIC
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ±0.050
.XXX : ±0.005
mm: X,X : ±0,38
X,XX : ±0,13
Revised 01/29/2018
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - P9122

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9122-00NBGI IDT-P9122-00NBGI Datasheet
631Kb / 16P
Dual Channel Synchronous Step- Down Switcher with Integrated FET
P9122-00NBGI8 IDT-P9122-00NBGI8 Datasheet
631Kb / 16P
Dual Channel Synchronous Step- Down Switcher with Integrated FET
More results

Similar Description - P9122

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SIH1510-02 FRONTIER-SIH1510-02 Datasheet
43Kb / 1P
CCFL Inverter Transformer
logo
Coilcraft lnc.
FA2786-BL COILCRAFT-FA2786-BL Datasheet
106Kb / 1P
CCFL Transformer
logo
MPS Industries, Inc.
P9101 MPSIND-P9101 Datasheet
416Kb / 1P
CCFL TRANSFORMER
logo
Bourns Electronic Solut...
PM61300-1-RC BOURNS-PM61300-1-RC_12 Datasheet
203Kb / 1P
SMD CCFL Transformer
logo
Coilcraft lnc.
FA2786 COILCRAFT-FA2786_13 Datasheet
89Kb / 1P
CCFL Transformer
logo
XFMRS Inc.
XF1900-UI97 XFMRS-XF1900-UI97 Datasheet
46Kb / 1P
CCFL TRANSFORMER
logo
MPS Industries, Inc.
P9119 MPSIND-P9119 Datasheet
368Kb / 1P
2.5 WATT SMD CCFL TRANSFORMER
P9120 MPSIND-P9120 Datasheet
369Kb / 1P
2.5 WATT CCFL TRANSFORMER
P9121 MPSIND-P9121 Datasheet
303Kb / 1P
14 WATT CCFL TRANSFORMER
P9124 MPSIND-P9124 Datasheet
262Kb / 1P
4 WATT SMD CCFL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com