Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP10N60P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFP10N60P
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP10N60P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFP10N60P Datasheet HTML 1Page - IXYS Corporation IXFP10N60P Datasheet HTML 2Page - IXYS Corporation IXFP10N60P Datasheet HTML 3Page - IXYS Corporation IXFP10N60P Datasheet HTML 4Page - IXYS Corporation IXFP10N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFA10N60P
IXFP10N60P
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
6
11
S
C
iss
1720
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
160
pF
C
rss
14
pF
t
d(on)
23
ns
t
r
27
ns
t
d(off)
65
ns
t
f
21
ns
Q
g(on)
32
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
12
nC
Q
gd
10
nC
R
thJC
0.62
C/W
R
thCS
TO-220
0.50
C/W
Note 1. Pulse test, t
 300s, duty cycle, d 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 10 (External)
TO-263 Outline
1. Gate
2. Drain
3. Source
4. Drain
TO-220 Outline
1 - Gate
2,4 - Drain
3 - Source
E1
E
A
D1
D
Q
L1
oP
H1
A1
L
A2
D2
e
c
e1
e1
3X b2
e
3X b
EJECTOR
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
10
A
I
SM
Repetitive, Pulse Width Limited by T
JM
30
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
120
200
ns
Q
RM
320
nC
I
RM
3
A
I
F = 5A, -di/dt = 200A/μs
V
R = 100V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com