Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP10N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP10N80P
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP10N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP10N80P Datasheet HTML 1Page - IXYS Corporation IXFP10N80P Datasheet HTML 2Page - IXYS Corporation IXFP10N80P Datasheet HTML 3Page - IXYS Corporation IXFP10N80P Datasheet HTML 4Page - IXYS Corporation IXFP10N80P Datasheet HTML 5Page - IXYS Corporation IXFP10N80P Datasheet HTML 6Page - IXYS Corporation IXFP10N80P Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
DS99432G(6/18)
PolarTM HiPerFET
Power MOSFET
IXFA10N80P
IXFP10N80P
IXFQ10N80P
IXFH10N80P
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Features
International Standard Packages
Avalanche Rated
Low Package Inductance
Easy to Drive and to Protect
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Switched-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250A
800
V
V
GS(th)
V
DS = VGS, ID = 2.5mA
3.0
5.5
V
I
GSS
V
GS =  30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
A
T
J = 150C
500
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
1.1
V
DSS
= 800V
I
D25
= 10A
R
DS(on)
 1.1
t
rr
 250ns
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
800
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
800
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C10
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
30
A
I
A
T
C = 25C5
A
E
AS
T
C = 25C
600
mJ
dV/dt
I
S
 I
DM, VDD  VDSS, TJ  150C
10
V/ns
P
D
T
C = 25C
300
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220, TO-247 & TO-3P)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-3P
5.5
g
TO-247
6.0
g
G
D
S
D (Tab)
TO-3P (IXFQ)
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXFH)
G
S
D (Tab)
D
TO-263 (IXFA)
G
D (Tab)
S
D (Tab)
S
G
D
TO-220 (IXFP)


Similar Part No. - IXFP10N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFP10N80P IXYS-IXFP10N80P Datasheet
155Kb / 5P
PolarHV HiPerFET Power MOSFET
logo
Inchange Semiconductor ...
IXFP10N80P ISC-IXFP10N80P Datasheet
397Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - IXFP10N80P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com