Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP20N50P3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFP20N50P3
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP20N50P3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFP20N50P3 Datasheet HTML 1Page - IXYS Corporation IXFP20N50P3 Datasheet HTML 2Page - IXYS Corporation IXFP20N50P3 Datasheet HTML 3Page - IXYS Corporation IXFP20N50P3 Datasheet HTML 4Page - IXYS Corporation IXFP20N50P3 Datasheet HTML 5Page - IXYS Corporation IXFP20N50P3 Datasheet HTML 6Page - IXYS Corporation IXFP20N50P3 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFA20N50P3 IXFA20N50P3
IXFQ20N50P3 IXFH20N50P3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
 300s, duty cycle, d  2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25, Note 1
11
18
S
C
iss
1800
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
230
pF
C
rss
8.3
pF
R
Gi
Gate Input Resistance
2.3

t
d(on)
10
ns
t
r
5
ns
t
d(off)
43
ns
t
f
9
ns
Q
g(on)
36
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
7
nC
Q
gd
13
nC
R
thJC
0.36
C/W
R
thCS
TO-220
0.50
C/W
TO-247 & TO-3P
0.25
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
20
A
I
SM
Repetitive, Pulse Width Limited by T
JM
80
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
250
ns
I
RM
8.0
A
Q
RM
0.6
μC
I
F = 10A, -di/dt = 100A/s
V
R = 100V, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 5 (External)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com