Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFQ28N60P3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFQ28N60P3
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFQ28N60P3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFQ28N60P3 Datasheet HTML 1Page - IXYS Corporation IXFQ28N60P3 Datasheet HTML 2Page - IXYS Corporation IXFQ28N60P3 Datasheet HTML 3Page - IXYS Corporation IXFQ28N60P3 Datasheet HTML 4Page - IXYS Corporation IXFQ28N60P3 Datasheet HTML 5Page - IXYS Corporation IXFQ28N60P3 Datasheet HTML 6Page - IXYS Corporation IXFQ28N60P3 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFQ28N60P3
IXFH28N60P3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
 300s, duty cycle, d  2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25, Note 1
18
30
S
C
iss
3560
pF
C
oss
V
GS
= 0V, V
DS = 25V, f = 1MHz
360
pF
C
rss
3.3
pF
R
Gi
Gate Input Resistance
1.5

t
d(on)
27
ns
t
r
18
ns
t
d(off)
48
ns
t
f
19
ns
Q
g(on)
50
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
17
nC
Q
gd
14
nC
R
thJC
0.18
C/W
R
thCS
0.25
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
28
A
I
SM
Repetitive, Pulse Width Limited by T
JM
112
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
250
ns
I
RM
9.0
A
Q
RM
0.8
μC
I
F = 14A, -di/dt = 100A/s
V
R = 100V, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 1 (External)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com