Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15-22-R6GHC-A01-2T Datasheet(PDF) 8 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 15-22-R6GHC-A01-2T
Description  Chip LED with Bi-Color (Multi-Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

15-22-R6GHC-A01-2T Datasheet(HTML) 8 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button 15-22-R6GHC-A01-2T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-22-R6GHC-A01-2T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-22-R6GHC-A01-2T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-22-R6GHC-A01-2T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-22-R6GHC-A01-2T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-22-R6GHC-A01-2T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-22-R6GHC-A01-2T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-22-R6GHC-A01-2T Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-22-R6GHC-A01-2T Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
15-22/R6GHC-A01/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 8 of 11
Device No. : DSE-152-085
Prepared date: 07-15-2004
Prepared by : Jessica Chang
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com