Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530M Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT4530M
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4530M Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT4530M Datasheet HTML 3Page - Active-Semi, Inc ACT4530M Datasheet HTML 4Page - Active-Semi, Inc ACT4530M Datasheet HTML 5Page - Active-Semi, Inc ACT4530M Datasheet HTML 6Page - Active-Semi, Inc ACT4530M Datasheet HTML 7Page - Active-Semi, Inc ACT4530M Datasheet HTML 8Page - Active-Semi, Inc ACT4530M Datasheet HTML 9Page - Active-Semi, Inc ACT4530M Datasheet HTML 10Page - Active-Semi, Inc ACT4530M Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ACT4530M
Rev 1.0, 04-Jan-2019
Innovative PowerTM
- 7 -
www.active-semi.com
Copyright © 2019 Active-Semi, Inc.
Output Over Voltage Discharge
Discharge circuit starts to discharge output through
CSP pins when output over voltage is detected.
Discharge circuit brings 9V down to 5V in less than
100ms.
Output Under-Voltage Protection /
Hiccup Mode
The ACT4530M implements an under voltage
protection (UVP) threshold to protect against fault
conditions. If the output voltage is below UVP
threshold for more than 10us, an over current or
short circuit is assumed, and the converter goes into
hiccup mode by disabling the converter and
restarting after hiccup waiting period of 4.3s.
Thermal Shutdown
If the junction temperature, TJ, increases beyond
160°C, the ACT4530M shuts down until TJ drops
below 130°C.
 
Cord Compensation
The ACT4530M implements cord compensation to
account for voltage drops due to output cable
resistance. It accomplishes this by increasing the
output voltage with increasing output current. The
increased output voltage is measured at the CSP
pin.
The cord compensation voltage is derived as:
ΔVout = (VCSP-VCSN)*K
Where K=3.03
The cord compensation loop is very slow to avoid
disturbing to the voltage loop when there are load
transients.
 
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com