Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4530MYH-T0010 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4530MYH-T0010
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4530MYH-T0010 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4530MYH-T0010 Datasheet HTML 1Page - Active-Semi, Inc ACT4530MYH-T0010 Datasheet HTML 2Page - Active-Semi, Inc ACT4530MYH-T0010 Datasheet HTML 3Page - Active-Semi, Inc ACT4530MYH-T0010 Datasheet HTML 4Page - Active-Semi, Inc ACT4530MYH-T0010 Datasheet HTML 5Page - Active-Semi, Inc ACT4530MYH-T0010 Datasheet HTML 6Page - Active-Semi, Inc ACT4530MYH-T0010 Datasheet HTML 7Page - Active-Semi, Inc ACT4530MYH-T0010 Datasheet HTML 8Page - Active-Semi, Inc ACT4530MYH-T0010 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2019 Active-Semi, Inc.
FEATURES
 AEC-Q100 Automotive Qualified
 -40°C~125°C Junction Temperature Range
 12V Input Optimized (Automotive Applications)
 QC2.0 Decoding + USB Auto-Detect + USB-PD
Type-C Support
 Apple MFi and 2.4A compatible
 Samsung and BC1.2 compatible
 40V Input Voltage Surge
 4.5V-36V Operational Input Voltage
 5.1V/9.1V Output with +/-1% Accuracy
 Up to 3.0A Output current
 Constant Current Regulation Limit
 Hiccup Mode Protection at Output Short
 >90% Efficiency at Full Load
 0.5mA Low Standby Input Current
 5.7V/10.1V Output Over-voltage Protection for
5.1V/9.1V Outputs
 Cord Voltage Compensation
 Meet EN55022 Class B Radiated EMI Standard
 8kV ESD HBM Protection on DP and DM
 SOP-8EP Package
APPLICATIONS
 Car Charger
 Cigarette Lighter Adaptor (CLA)
 Rechargeable Portable Device
 CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4530M is a wide input voltage, high efficiency
step-down DC/DC converter that operates in either
CV (Constant Output Voltage) mode or CC
(Constant
Output
Current)
mode.
It
is
an
improvement over the ACT4529 with its QC2.0
compatibility in 12V automotive applications. The
ACT4530M eliminates the issue with QC2.0 buck
converters that try to operate with Vin = 12V to Vout
= 12V. In addition to QC2.0, it also supports Apple,
Samsung and BC1.2 protocols. ACT4530M also
has an optional input pin, PDC, that accepts a tri-
state input for USB-PD control. The ACT4530M
also
filters
out
non-QC2.0
compatible
communication pulses generated by some phones’
communication protocols.
ACT4530M has accurate output current limits under
constant
current
regulation
to
meet
MFi
specification. It provides up to 3.0A output current
at 125kHz switching frequency. ACT4530M utilizes
adaptive drive technique to achieve good EMI
performance while main >90% efficiency at full load
for mini size CLA designs. It also has output short
circuit protection with hiccup mode. The average
output current is reduced to below 6mA when
output is shorted to ground. Other features include
output
over
voltage
protection
and
thermal
shutdown.
This device is available in a SOP-8EP package and
requires
very
few
external
components
for
operation.
ACT4530M
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
Typical Application Circuit
V/I Profile
* Patent Pending


Similar Part No. - ACT4530MYH-T0010

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT4530MYH-T0010 QORVO-ACT4530MYH-T0010 Datasheet
1Mb / 15P
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev. B, September 2019
More results

Similar Description - ACT4530MYH-T0010

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com