Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT81460 Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT81460
Description  Low Power PMIC With Integrated Linear Charger
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT81460 Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT81460 Datasheet HTML 28Page - Active-Semi, Inc ACT81460 Datasheet HTML 29Page - Active-Semi, Inc ACT81460 Datasheet HTML 30Page - Active-Semi, Inc ACT81460 Datasheet HTML 31Page - Active-Semi, Inc ACT81460 Datasheet HTML 32Page - Active-Semi, Inc ACT81460 Datasheet HTML 33Page - Active-Semi, Inc ACT81460 Datasheet HTML 34Page - Active-Semi, Inc ACT81460 Datasheet HTML 35Page - Active-Semi, Inc ACT81460 Datasheet HTML 36Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
ACT81460
Rev 1.0, 18-Dec-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
32
by default used for this function. Connect a pull-up
resistor from the nIRQ pin to an appropriate voltage
supply (typically VSYS or VIO_IN). nIRQ is typically
used to drive the interrupt input of the system processor.
Many of the ACT81460's functions support interrupt-
generation. These are typically masked by default to
block unnecessary interrupts but may be unmasked via
the I2C interface per the user’s choice through firmware.
In general every output can generate interrupts due to
current limits, UV or OV conditions. GPIOs can also be
configured to generate interrupts when the GPIO is
configured as a digital input. Push button function,
manual reset, input UV/OV, thermal shutdown and other
such functions can also trigger interrupts and these are
available in the register map of the master control core,
also referred to as the master tile. Examples of
conditions that can cause nIRQ to trigger are:
1. Die temperature warning generated
2. Any buck regulator exceeding peak current limit for
8 cycles after soft start or a UV/OV condition.
3. Any LDO regulator exceeding current limit for more
than 20uS after soft start or a UV/OV condition.
4. Input goes above OVP threshold or falls below the
UV threshold.
5. Watch Dog timer expiring.
6. Push Button status when the nPBIN pin is asserted.
The PB status register bit and PB counter register
can then be used to check the PB time and take
appropriate action.
If any of the faults occur and the nIRQ output is enabled,
the nIRQ pin will be driven low. Following the nIRQ pin
being asserted, a read operation of the interrupt causing
status bit will clear the interrupt, so the interrupt is
cleared upon reading provided the interrupt causing
condition is removed.
nRESET
The ACT81460 provides a reset function to issue a
master reset to the system CPU/controller. nRESET is
immediately asserted low when either the VIN voltage
is above or below the UV or OV thresholds or any power
supply that is connected to the nRESET functionality
goes below its Power Good threshold. The IC’s specific
CMI configures which power supplies are connected to
the nRESET functionality. After startup, nRESET de-as-
serts after a programmable delay time when VIN and all
connected power supply outputs are above their re-
spective UVLO thresholds. The reset delay time, 20ms
to 100ms, is controlled by the I2C TRST_DLY register
bits. The IC’s CMI programs the specific GPIOx pin
used for the reset functionality. The CMI also programs
which regulators outputs are monitored for the reset
functionality.
Output Under/Over Voltage
The ACT81460 monitors the output voltages for under
voltage and over voltage conditions. If an output enters
an UV/OV fault condition, the IC asserts IRQ and
nRESET and shuts down all outputs for 100ms and then
restarts with the programmed power up sequence. If an
output is in current limit, it is possible that its voltage can
drop below the UV threshold which also shuts down all
outputs. If this behavior is not desired, mask the
appropriate fault bit. If the fault is masked, the fault
status bit shows the real-time fault status. Note that the
IC’s specific CMI sets the defaults for which regulators
mask the UV and OV fault conditions.
Output Current Limit
The ACT81460 incorporates overcurrent for all
converters and load switches. Refer to each section for
the details.
Thermal Warning and Thermal Shutdown
The ACT81460 monitors its internal die temperature
and reports a warning via nIRQ when the temperature
rises above the Thermal Warning Threshold of typically
125 deg C. It shuts down all outputs when the tempera-
ture increases above 155 deg C. The Thermal Warning
can be masked via I2C. The temperature warning and
fault flags still provide real-time status even if the faults
are masked. Masking just prevents the faults from being
reported via the nIRQ pin.
The IC includes a Thermal Low Power mode. When the
die temperature goes above 70°C, the IC places a
100kΩ resistor on the output of the LDOs to ground.
This prevents the output voltages from increasing due
to leakage through the internal FETs.
Sequencing
The ACT81460 provides the end user with extremely
versatile sequencing capability that can be optimized for
many different applications. Each output has four basic
sequencing parameters: input trigger, turn-on delay,
turn-off delay, and output voltage. Each of these
parameters is controlled via the ICs internal registers.
The specifics for this IC as well as others are detailed at
the end of the datasheet. Contact sales@active-
semi.com for custom sequencing configurations. Refer
to
the
Active-Semi
Application
Note
AN116,
ACT81460VM101 Register Definitions, for full details on
the I2C register map functionality and programming
ranges.
Input trigger. The input trigger for a regulator is the
event that turns that regulator on. Each output can have
a separate input trigger. The input trigger can be the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com