Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7612 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7612
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7612 Datasheet(HTML) 2 Page - Exar Corporation

  MP7612 Datasheet HTML 1Page - Exar Corporation MP7612 Datasheet HTML 2Page - Exar Corporation MP7612 Datasheet HTML 3Page - Exar Corporation MP7612 Datasheet HTML 4Page - Exar Corporation MP7612 Datasheet HTML 5Page - Exar Corporation MP7612 Datasheet HTML 6Page - Exar Corporation MP7612 Datasheet HTML 7Page - Exar Corporation MP7612 Datasheet HTML 8Page - Exar Corporation MP7612 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP7612
2
Rev. 3.00
ORDERING INFORMATION
Package
Type
Temperature
Range
INL
(LSB)
Part No.
PLCC
–40 to +85
°C
MP7612AP
2
PLCC
–40 to +85
°C
MP7612BP
1
Res.
(Bits)
12
12
DNL
(LSB)
1
0.75
FSE
(LSB)
8
6
SOIC
–40 to +85
°C
MP7612AS
2
SOIC
–40 to +85
°C
MP7612BS
1
12
12
1
0.75
8
6
PIN CONFIGURATIONS
VO0
VO1
VO2
VO3
VEE
VCC
VREF
VCC
VEE
VO4
VO5
VO6
DGND
DVDD
DGND
N/C
SDO
SDI
CLK
AGND
28
1
15
14
2
3
4
5
6
7
17
16
8
9
19
18
10
11
23
22
21
20
27
26
25
24
12
13
VO7
AGND
N/C
N/C
N/C
N/C
28 Pin SOIC (Jedec, 0.346”)
LD
RST
44 Pin PLCC
1
See the following page for
pin descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com