Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBTA42 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # PMBTA42
Description  isc Silicon NPN Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

PMBTA42 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  PMBTA42 Datasheet HTML 1Page - Inchange Semiconductor Company Limited PMBTA42 Datasheet HTML 2Page - Inchange Semiconductor Company Limited PMBTA42 Datasheet HTML 3Page - Inchange Semiconductor Company Limited PMBTA42 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
PMBTA42
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC=1mA ; IB= 0
300
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 20mA; IB= 2mA
0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 20mA; IB= 2mA
1.0
V
ICBO
Collector Cutoff Current
VCE= 200V ; IE= 0
0.5
µA
IEBO
Emitter Cutoff Current
VEB=6V; IC= 0
0.5
µA
hFE-1
DC Current Gain
IC=1mA ; VCE=10V
25
hFE-2
DC Current Gain
IC=10mA ; VCE=10V
40
300
hFE-3
DC Current Gain
IC=30mA ; VCE=10V
40
fT
Transisition Frequency
VCE= 20V;IC=10mA ;f=30MHz
50
CHARACTERISTCS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com