Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7612AP Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7612AP
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7612AP Datasheet(HTML) 4 Page - Exar Corporation

  MP7612AP Datasheet HTML 1Page - Exar Corporation MP7612AP Datasheet HTML 2Page - Exar Corporation MP7612AP Datasheet HTML 3Page - Exar Corporation MP7612AP Datasheet HTML 4Page - Exar Corporation MP7612AP Datasheet HTML 5Page - Exar Corporation MP7612AP Datasheet HTML 6Page - Exar Corporation MP7612AP Datasheet HTML 7Page - Exar Corporation MP7612AP Datasheet HTML 8Page - Exar Corporation MP7612AP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP7612
4
Rev. 3.00
25
°C
Tmin to Tmax
ELECTRICAL CHARACTERISTICS
VCC = +12 V, VEE = –12 V, VREF = 5 V, DVDD = 5.0 V, T = 25°C, Output Load = 5kΩ (unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (All Grades)
N
12
Bits
Integral Non-Linearity
INL
LSB
End Point Linearity Spec
(Relative Accuracy)
A
2
2
B
1
1
Differential Non-Linearity
DNL
LSB
A
1
1
B
0.75
0.75
Positive Full Scale Error
+FSE
LSB
A6
8
8
B4
6
6
Negative Full Scale Error
–FSE
LSB
A6
8
8
B4
6
6
Bipolar Zero Offset
ZOFS
LSB
A
4
4
B
3
3
INL Matching
∆INL
LSB
A
2
2
B
1.5
1.5
All Channels Maximum Error
ME
LSB
with DAC 0 adjusted to
minimum error
A
4
4
B
2
2
Bipolar Zero Matching
∆ZOFS
LSB
A
4
4
B
3
3
Full Scale Error Matching
FSE
LSB
A
4
4
B
3
3
DYNAMIC PERFORMANCE
Voltage Settling from LD
tsd
30
50
50
µsec
ZS to FS (20 V Step)
to VDAC Out1
Channel-to-Channel Crosstalk1, 6
CT
0.04
LSB
DC
Digital Feedthrough1, 6
Q
–70
dB
CLK and Data to VOUTi
Power Supply Rejection Ratio
PSRR
5
ppm/%
∆VEE & ∆VCC = +5%, ppm of FS
REFERENCE INPUTS
Impedance of VREF
REF
350
700
1.05k
350
1.05k
Ω
See Application Hints for driving
the reference input
VREF Voltage1, 2
VREF
3.5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com