Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7612BP Datasheet(PDF) 9 Page - Exar Corporation

Part # MP7612BP
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7612BP Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP7612BP Datasheet HTML 5Page - Exar Corporation MP7612BP Datasheet HTML 6Page - Exar Corporation MP7612BP Datasheet HTML 7Page - Exar Corporation MP7612BP Datasheet HTML 8Page - Exar Corporation MP7612BP Datasheet HTML 9Page - Exar Corporation MP7612BP Datasheet HTML 10Page - Exar Corporation MP7612BP Datasheet HTML 11Page - Exar Corporation MP7612BP Datasheet HTML 12Page - Exar Corporation MP7612BP Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MP7612
9
Rev. 3.00
Table 2. MP7612
Ideal DAC Output vs. Input Code
Hex Code
Output Voltage = 2
• Vr (–1 +
0 0 0
10
• (–1 + 0) = –10
7 F F
10
• (–1 +
) = –4.88 mV
Binary Code
2
•D
4096
)
(Vr = +5 V)
000000000000
011111111111
4094
4096
100000000000
4096
4096
8 0 0
10
• (–1 +
) = 0
100000000001
4098
4096
8 0 1
10
• (–1 +
) = 4.88 mV
111111111111
8190
4096
F F F
10
• (–1 +
) = 9.99512
Note: See Electrical Characteristics for real system accuracy
SERIAL INTERFACE DIAGRAMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com