Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7612AS Datasheet(PDF) 13 Page - Exar Corporation

Part # MP7612AS
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7612AS Datasheet(HTML) 13 Page - Exar Corporation

Back Button MP7612AS Datasheet HTML 9Page - Exar Corporation MP7612AS Datasheet HTML 10Page - Exar Corporation MP7612AS Datasheet HTML 11Page - Exar Corporation MP7612AS Datasheet HTML 12Page - Exar Corporation MP7612AS Datasheet HTML 13Page - Exar Corporation MP7612AS Datasheet HTML 14Page - Exar Corporation MP7612AS Datasheet HTML 15Page - Exar Corporation MP7612AS Datasheet HTML 16Page - Exar Corporation MP7612AS Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP7612
13
Rev. 3.00
Graph 3. DAC 0 INL vs. VREF
Graph 4. DAC 0 DNL vs. VREF
Graph 5. DAC 0 Linearity with
VREF = 5 V, VOUT = 10
Graph 6. DAC 0 Linearity with
VREF = 4.5 V, VOUT = 9
Graph 7. DAC 0 Linearity with
VREF = 4 V, VOUT = 8
Graph 8. DAC 0 Linearity with
VREF = 3.5 V, VOUT = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com