Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDWI06 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MDWI06
Description  DC-DC CONVERTER 6W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDWI06 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MDWI06 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDWI06 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDWI06 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDWI06 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MDWI06 SERIES
DC-DC CONVERTER 6W, Regulated Output, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2018/08/31 REV:3
Page 3 of 4
®
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
20 LFM
C
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
To meet EN 61000-4-4 & EN 61000-4-5 an external capacitor across the input pins is required.Suggested capacitor: 220
μF/100V.
6
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
-Vin
-Vin
7
NC
NC
8
NC
Common
9
+Vout
+Vout
10
-Vout
-Vout
16
+Vin
+Vin
NC: No Connection
►All dimensions in mm (inches)
►Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►Pin diameter  0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
: 23.8x13.7x8.0 mm (0.94x0.54x0.31 inches)
Case Material
: Aluminium Alloy, Black Anodized Coating
Pin Material
: Tinned Copper
Weight
: 6.1g
0.5 [0.02]
1
7
8
16
10
9
2.54
[0.10]
23.8 [0.94]
Bottom View
15.24
[0.60]
3.0
[0.12]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com