Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-5022-HC-R78M Datasheet(PDF) 2 Page - RENCO ELECTRONICS, INC.

Part # RL-5022-HC-R78M
Description  UNSHIELDED ULTRA HIGH CURRENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-5022-HC-R78M Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-5022-HC-R78M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-5022-HC-R78M Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-5022-HC
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE
TO DROP BY 10%
3. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO
RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
4. INDUCTANCE TESTED AT 100 kHz, 0.1 Vrms
OTHER NON-STANDARD INDUCTANCE VALUES ARE AVAILABLE
TO MEET YOUR EXACT REQUIREMENTS
Renco Part No.
RL-5022-HC
Inductance
(µH)
DCR Max.
(Ohms)
Isat
(A)
Irms
(A)
SRF Typ.
(MHz)
RL-5022-HC-R78M
0.78 ± 20%
0.0026
30.0
15.0
156.0
RL-5022-HC-1R5M
1.5 ± 20%
0.004
25.0
15.0
100.0
RL-5022-HC-2R2M
2.2 ± 20%
0.006
20.0
12.0
75.0
RL-5022-HC-3R3M
3.3 ± 20%
0.008
17.0
10.0
60.0
RL-5022-HC-3R9M
3.9 ± 20%
0.010
15.0
9.00
55.0
RL-5022-HC-4R7M
4.7 ± 20%
0.014
13.0
8.40
40.0
RL-5022-HC-6R0M
6.0 ± 20%
0.017
12.0
7.50
35.0
RL-5022-HC-7R8M
7.8 ± 20%
0.018
11.0
7.50
35.0
RL-5022-HC-100M
10.0 ± 20%
0.026
10.0
6.00
28.0
RL-5022-HC-150M
15.0 ± 20%
0.032
8.0
4.40
20.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com