Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL-7550-3-R56M Datasheet(PDF) 2 Page - RENCO ELECTRONICS, INC.

Part # RL-7550-3-R56M
Description  HIGH CURRENT SMD POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-7550-3-R56M Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-7550-3-R56M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-7550-3-R56M Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
Renco Part No.
RL-7550-3
Inductance
(µH)
DCR Max.
(Ohms)
Isat
(A)
Irms
(A)
SRF (MHz)
Typ.
RL-7550-3-R56M
0.56 ± 20%
0.010
7.70
6.00
200.0
RL-7550-3-1R2M
1.20 ± 20%
0.017
5.30
4.40
140.0
RL-7550-3-2R2M
2.20 ± 20%
0.035
3.50
3.10
100.0
RL-7550-3-4R7M
4.70 ± 20%
0.054
2.60
2.20
50.0
RL-7550-3-100M
10.00 ± 20%
0.111
1.90
1.50
40.0
RL-7550-3-150M
15.00 ± 20%
0.170
1.50
1.20
30.0
RL-7550-3-220M
22.00 ± 20%
0.250
1.20
1.00
25.0
RL-7550-3-330M
33.00 ± 20%
0.350
0.99
0.82
20.0
RL-7550-3-470M
47.00 ± 20%
0.470
0.87
0.72
15.0
RL-7550-3
NOTES:
1. Isat - DC CURRENT THAT WILL CAUSE INDUCTANCE TO DROP BY 5%
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
3. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
4. INDUCTANCE TESTED AT 100 kHz, 0.25 Vrms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com