Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G682L15SQL1U Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G682L15SQL1U
Description  Low Voltage Reset IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G682L15SQL1U Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G682L15SQL1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G682L15SQL1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G682L15SQL1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G682L15SQL1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G682L15SQL1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G682L15SQL1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G682L15SQL1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G682L15SQL1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc G682L15SQL1U Datasheet HTML 11Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Ver: 0.8
Feb 27, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G682/G683
Global Mixed-mode Technology
Selector Guide
ORDER
NUMBER
RESET
THRESHOLD (V)
OUTPUT TYPE
MARKING
PACKAGE
(Green)
G682L09TQL1U
0.788(0.9*87.5%)
Push-Pull RESET
682
ATx
DFN1.6X1.6-6
G682L09SQL1U
0.833(0.9*92.5%)
Push-Pull RESET
682
ASx
DFN1.6X1.6-6
G682L12TQL1U
1.050(1.2*87.5%)
Push-Pull RESET
682
BTx
DFN1.6X1.6-6
G682L12SQL1U
1.110(1.2*92.5%)
Push-Pull RESET
682
BSx
DFN1.6X1.6-6
G682L15TQL1U
1.313(1.5*87.5%)
Push-Pull RESET
682
CTx
DFN1.6X1.6-6
G682L15SQL1U
1.388(1.5*92.5%)
Push-Pull RESET
682
CSx
DFN1.6X1.6-6
G682L18TQL1U
1.575(1.8*87.5%)
Push-Pull RESET
682
DTx
DFN1.6X1.6-6
G682L18SQL1U
1.665(1.8*92.5%)
Push-Pull RESET
682
DSx
DFN1.6X1.6-6
G682H09TQL1U
0.788(0.9*87.5%)
Push-Pull RESET
682
ETx
DFN1.6X1.6-6
G682H09SQL1U
0.833(0.9*92.5%)
Push-Pull RESET
682
ESx
DFN1.6X1.6-6
G682H12TQL1U
1.050(1.2*87.5%)
Push-Pull RESET
682
FTx
DFN1.6X1.6-6
G682H12SQL1U
1.110(1.2*92.5%)
Push-Pull RESET
682
FSx
DFN1.6X1.6-6
G682H15TQL1U
1.313(1.5*87.5%)
Push-Pull RESET
682
GTx
DFN1.6X1.6-6
G682H15SQL1U
1.388(1.5*92.5%)
Push-Pull RESET
682
GSx
DFN1.6X1.6-6
G682H18TQL1U
1.575(1.8*87.5%)
Push-Pull RESET
682
HTx
DFN1.6X1.6-6
G682H18SQL1U
1.665(1.8*92.5%)
Push-Pull RESET
682
HSx
DFN1.6X1.6-6
G683L09TQL1U
0.788(0.9*87.5%)
Open-Drain RESET
683
ATx
DFN1.6X1.6-6
G683L09SQL1U
0.833(0.9*92.5%)
Open-Drain RESET
683
ASx
DFN1.6X1.6-6
G683L12TQL1U
1.050(1.2*87.5%)
Open-Drain RESET
683
BTx
DFN1.6X1.6-6
G683L12SQL1U
1.110(1.2*92.5%)
Open-Drain RESET
683
BSx
DFN1.6X1.6-6
G683L15TQL1U
1.313(1.5*87.5%)
Open-Drain RESET
683
CTx
DFN1.6X1.6-6
G683L15SQL1U
1.388(1.5*92.5%)
Open-Drain RESET
683
CSx
DFN1.6X1.6-6
G683L18TQL1U
1.575(1.8*87.5%)
Open-Drain RESET
683
DTx
DFN1.6X1.6-6
G683L18SQL1U
1.665(1.8*92.5%)
Open-Drain RESET
683
DSx
DFN1.6X1.6-6
Note: T: 87.5%
S:92.5%
QL: DFN1.6X1.6-6
1: Bonding Code
U: Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com