Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-A6000MZ Datasheet(PDF) 24 Page - Sanken electric

Part # STR-A6000MZ
Description  Off-Line PWM Controllers with Integrated Power MOSFET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6000MZ Datasheet(HTML) 24 Page - Sanken electric

Back Button STR-A6000MZ Datasheet HTML 18Page - Sanken electric STR-A6000MZ Datasheet HTML 19Page - Sanken electric STR-A6000MZ Datasheet HTML 20Page - Sanken electric STR-A6000MZ Datasheet HTML 21Page - Sanken electric STR-A6000MZ Datasheet HTML 22Page - Sanken electric STR-A6000MZ Datasheet HTML 23Page - Sanken electric STR-A6000MZ Datasheet HTML 24Page - Sanken electric STR-A6000MZ Datasheet HTML 25Page - Sanken electric STR-A6000MZ Datasheet HTML 26Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
STR-A6000MZ/HZ Series
STR-A6000MZ/HZ - DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
24
Mar.13, 2015
 Transformer specification
▫ Primary inductance, L
P
:704 μH
▫ Core size
:EI-16
▫ Al-value
:132 nH/N2 (Center gap of about 0.26 mm)
▫ Winding specification
Winding
Symbol
Number of
turns (T)
Wire diameter
(mm)
Construction
Primary winding
P1
73
2UEW-φ0.18
Two-layer,
solenoid winding
Auxiliary winding
D
17
2UEW-φ0.18×2
Single-layer,
solenoid winding
Output winding
S1
6
TEX-φ0.3×2
Single-layer,
solenoid winding
Output winding
S2
6
TEX-φ0.3×2
Single-layer,
solenoid winding
Bobbin
D
S1
P1
VDC
D/ST
VCC
GND
(+) 5V
VOUT
S2
S1
D
P1
S2
●: Start at this pin
Cross-section view
(-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com