Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF84C42AP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF84C42AP
Description  8-bit microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C42AP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF84C42AP Datasheet HTML 4Page - NXP Semiconductors PCF84C42AP Datasheet HTML 5Page - NXP Semiconductors PCF84C42AP Datasheet HTML 6Page - NXP Semiconductors PCF84C42AP Datasheet HTML 7Page - NXP Semiconductors PCF84C42AP Datasheet HTML 8Page - NXP Semiconductors PCF84C42AP Datasheet HTML 9Page - NXP Semiconductors PCF84C42AP Datasheet HTML 10Page - NXP Semiconductors PCF84C42AP Datasheet HTML 11Page - NXP Semiconductors PCF84C42AP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Nov 20
8
Philips Semiconductors
Product specification
8-bit microcontrollers
PCF84C12A; PCF84C22A;
PCF84C42A
Fig.3
Maximum clock frequency as a function of
operating supply voltage (VDD).
handbook, halfpage
1
18
12
6
0
357
MBC953 - 1
V DD (V)
f xtal
(MHz)
guaranteed
operating range
Fig.4
Typical operating supply current (IDD) as a
function of operating supply voltage (VDD).
1
3
2
1
0
357
MBC955
VDD (V)
I DD
(mA)
16 MHz
3.58 MHz
10 MHz
Supply current based on optimal oscillator selection.
Fig.5
Typical operating supply current (IDD) as a
function of clock frequency (fxtal).
3
0
1
2
0.1
MBC956
110
100
I DD
(mA)
5 V
3 V
fxtal(MHz)
Supply current based on optimal oscillator selection.
Fig.6
Typical supply current in Idle mode (IDD(idle))
as a function of operating supply voltage
(VDD).
handbook, halfpage
1
3
2
1
0
357
MBC957
VDD (V)
IDD(idle)
(mA)
10 MHz
16 MHz
3.58 MHz
Supply current based on optimal oscillator selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com